Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF100LB80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF100LB80
Description  DIODE(THREE PHASES BRIDGE TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF100LB80 Datasheet(HTML) 2 Page - SanRex Corporation

  DF100LB80 Datasheet HTML 1Page - SanRex Corporation DF100LB80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF100LA/LB80/160
Maximum Forward Characteristics
Forward Voltage Drop(V)
0.
5
1.
0
1.
5
2.
0
2.
5
1000
100
20
10
200
500
50
T
j=25℃
Typ.
Max.
50
150
100
200
300
250
0
0
20
60
40
80
100
120
Output Current ID(A)
Output Current vs. Power Dissipation
Three Phase
80
90
120
100
110
150
140
130
0
40
100
60
80
120
20
Output Current ID(A)
Output Current vs. Allowable case Temp
Three Phase
400
200
800
600
1200
1400
1000
0
1
2
5
20
50
100
10
Time(Cycles)
Cycle Surge Forward Current Rating
(Non-Repetitive)
Per One Element
60HZ
T
j=25℃ start
Single Phase half wave
50HZ
0.1
0.15
0.2
0.25
0.05
0
10
0
10
1
5
10
ー1
10
ー2
10
ー32
5
2
5
2
5
2
Time
t(sec)
Transient Thermal Impedance
Junction to Case
Maximum
SanRex
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com