Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAC3MPX-TOP Datasheet(PDF) 3 Page - Neutrik AG

Part # NAC3MPX-TOP
Description  Appliance inlet connector, 1/4" flat tab terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NAC3MPX-TOP Datasheet(HTML) 3 Page - Neutrik AG

  NAC3MPX-TOP Datasheet HTML 1Page - Neutrik AG NAC3MPX-TOP Datasheet HTML 2Page - Neutrik AG NAC3MPX-TOP Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Information
Product
Title
NAC3MPX-TOP
Electrical
Contact resistance
≤ 3 mΩ
Dielectric strength
4 kVdc / 2.8 kVac
Insulation resistance
> 0.1 GΩ (after damp heat test)
Number of electronical contacts
2 + PE
Rated current per contact
16 A rms (USA: 20 A)
Rated voltage
250 V ac
Mechanical
Lifetime
> 5000 mating cycles
Wiresize
2.5 mm²
Wiresize
12 AWG
Material
Contact plating
2 µm Ag
Locking element
Stainless steel
Shell
Polyamide (PA 6.6)
Contacts
Spring Copper (CuSn0.2)
Environmental
Flammability
UL 94 V-0
Protection class
IP65, UL50E enclosure type 4 (mated or in combination with
SCNAC-MPX)
Temperature range
- 30 °C - +80 °C
NAC3MPX-TOP
3
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com