Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4099BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4099BEY
Description  8 BIT ADDRESSABLE LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4099BEY Datasheet HTML 1Page - STMicroelectronics HCF4099BEY Datasheet HTML 2Page - STMicroelectronics HCF4099BEY Datasheet HTML 3Page - STMicroelectronics HCF4099BEY Datasheet HTML 4Page - STMicroelectronics HCF4099BEY Datasheet HTML 5Page - STMicroelectronics HCF4099BEY Datasheet HTML 6Page - STMicroelectronics HCF4099BEY Datasheet HTML 7Page - STMicroelectronics HCF4099BEY Datasheet HTML 8Page - STMicroelectronics HCF4099BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
October 2002
s
SERIAL DATA INPUT - ACTIVE PARALLEL
OUTPUT
s
STORAGE REGISTER CAPABILITY -
MASTER CLEAR
s
CAN FUNCTION AS DEMULTIPLEXER
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4099B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4099B, an 8-bit addressable latch, is a
serial-input, parallel output storage register that
can perform a variety of functions. Data is input to
a particular bit in the latch when that bit is
addressed (by means of input A0, A1, A2) and
when WRITE DISABLE is at a low level. When
WRITE DISABLE is high, data entry is inhibited;
however, all 8 outputs can be continuously read
independent of WRITE DISABLE and address
inputs. A master RESET input is available, which
resets all bits to a logic "0" level when RESET and
WRITE DISABLE are at a high level. When
RESET is at a high level, and WRITE DISABLE is
at a low level, the latch acts as a 1-of-8
demultiplexer ; the bit that is addressed has an
active output which follows the data input, while all
unaddressed bits are held to a logic "0" level.
HCF4099B
8 BIT ADDRESSABLE LATCH
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4099BEY
SOP
HCF4099BM1
HCF4099M013TR
DIP
SOP


Similar Part No. - HCF4099BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4099BEY STMICROELECTRONICS-HCF4099BEY Datasheet
303Kb / 14P
8-BIT ADDRESSABLE LATCH
Sep-1988
More results

Similar Description - HCF4099BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com