Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBB75DFIX Datasheet(PDF) 2 Page - Neutrik AG

Part # NBB75DFIX
Description  Isolated UHD BNC chassis connector, feedthrough in antraloy plated D-shape housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NBB75DFIX Datasheet(HTML) 2 Page - Neutrik AG

  NBB75DFIX Datasheet HTML 1Page - Neutrik AG NBB75DFIX Datasheet HTML 2Page - Neutrik AG NBB75DFIX Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NBB75DFIX
Connection Type
BNC 75 Ω
Gender
female
Electrical
Contact resistance
≤ 3 mΩ (inner)
Contact resistance
≤ 2 mΩ (outer)
Dielectric strength
1.5 kVdc
Impedance
75 Ω
Insulation resistance
> 5 GΩ
Rated voltage
< 50 V
VSWR
≤1.06 / >30 dB up to 6 GHz
≤1.13 / >24 dB up to 12 GHz
≤1.22 / >20 dB up to 18 Ghz
Signal type
UHD, SDI, Video, AES/EBU, Composit, YUV, RGB, RGBH,
RGBHV
Mechanical
Insertion force
< 25 N
Lifetime
> 1000 mating cycles
Wiresize
Mounting direction
Front mounting
Chassis shape
D
Material
Contacts
Brass (CuZn35Pb2), 0.2 µm AuCo (center contact)
Insert
PTFE
Shell
Polyacetal (POM) (insulation shell)
Shell plating
Antraloy
D-shape housing
Zinc diecast (ZnAl4Cu1)
NBB75DFIX
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com