Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9F23402 Datasheet(PDF) 2 Page - Schneider Electric

Part # M9F23402
Description  Multi 9 - C60SP - MCB - 4P - 2 A - D Curve - 480Y/277 V - 10 kA - UL 1077
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F23402 Datasheet(HTML) 2 Page - Schneider Electric

  M9F23402 Datasheet HTML 1Page - Schneider Electric M9F23402 Datasheet HTML 2Page - Schneider Electric M9F23402 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Complementary
[Ue] rated operational voltage
240 V AC 50/60 Hz
415 V AC 50/60 Hz
440 V AC 50/60 Hz
Magnetic tripping limit
12 x In +/- 20 % AC
[Ics] rated service breaking capacity
4.5 kA 75 % EN/IEC 60947-2 - 440 V AC
7.5 kA 75 % EN/IEC 60947-2 - 415 V AC
15 kA 75 % EN/IEC 60947-2 - 240 V AC
4.5 kA 75 % GB 14048.2 - 440 V AC
7.5 kA 75 % GB 14048.2 - 415 V AC
15 kA 75 % GB 14048.2 - 240 V AC
[Ui] rated insulation voltage
500 V AC EN/IEC 60947-2
[Uimp] rated impulse withstand voltage
6 kVEN/IEC 60947-2
Contact position indicator
Yes
Control type
Toggle
Local signalling
ON/OFF indication
Mounting mode
Clip-on
Mounting support
DIN rail
9 mm pitches
8
Height
3.19 in (81 mm)
Width
2.83 in (72 mm)
Depth
2.83 in (72 mm)
Color
Grey
Mechanical durability
20000 cycles
Electrical durability
10000 cycles
Provision for padlocking
Padlockable
Connections - terminals
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) AWG 18...AWG 8) - rigid
Tunnel type terminal top or bottom) 0.00…0.02 in² (1…16 mm²) AWG 18...AWG 8) - flexible with
ferrule
Tunnel type terminal top or bottom) 0.00…0.02 in² (1…16 mm²) AWG 18...AWG 8) - flexible
Wire stripping length
0.55 in (14 mm) top or bottom
Tightening torque
22.13 lbf.in (2.5 N.m) top or bottom
Earth-leakage protection
Without
Environment
IP degree of protection
IP20IEC 60529
IP40 modular enclosure)IEC 60529
Pollution degree
3 EN/IEC 60947-2
Tropicalisation
2 IEC 60068-1
Relative humidity
95 % 131 °F (55 °C)
Operating altitude
0...6561.68 ft (0...2000 m)
Ambient air temperature for operation
-22…158 °F (-30…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
Category
00948 - M9 GEN 2 CB UL1077 / IEC
Discount Schedule
DE2
GTIN
00785901744665
Returnability
Yes
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com