Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD8220PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # UCD8220PWPR
Description  DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD8220PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD8220PWPR Datasheet HTML 3Page - Texas Instruments UCD8220PWPR Datasheet HTML 4Page - Texas Instruments UCD8220PWPR Datasheet HTML 5Page - Texas Instruments UCD8220PWPR Datasheet HTML 6Page - Texas Instruments UCD8220PWPR Datasheet HTML 7Page - Texas Instruments UCD8220PWPR Datasheet HTML 8Page - Texas Instruments UCD8220PWPR Datasheet HTML 9Page - Texas Instruments UCD8220PWPR Datasheet HTML 10Page - Texas Instruments UCD8220PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
VIT−
10%
90%
INPUT
OUTPUT
VIT+
t D1
tF
tF
t D2
UCD8220, UCD8620
SLUS652B – MARCH 2005 – REVISED SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 12 V, 4.7-µF capacitor from VDD to AGND, 1 µF from PVDD to PGND, 0.22-µF capacitor from 3V3 to AGND,
T
A = TJ = -40°C to 105°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISET resistor range
Current mode control; RISET connected to AGND
6.19
499
k
Ω
ISET resistor range
Voltage mode control; RISET connected to 3V3
4.99
402
Voltage mode control with Feed-Forward; RISET connected to
ISET current range
3.7
300
µA
VIN
PWM
PWM offset at CTRL input
3V3 = 3.3 V +/-2%
0.45
0.51
0.6
V
CTRL buffer gain(1)
Gain from CTRL to PWM comparator input
0.5
V/V
CURRENT LIMIT (ILIM)
ILIM internal current limit threshold
ILIM = OPEN
0.466
0.5
0.536
V
ILIM maximum current limit threshold
ILIM = 3.3 V
0.975
1.025
1.075
V
ILIM current limit threshold
ILIM = 0.75 V
0.700
0.725
0.750
ILIM minimum current limit threshold
ILIM = 0.25 V
0.21
0.23
0.25
V
CLF output high level
CS > ILIM , ILOAD = -7 mA
2.64
-
-
V
CLF output low level
CS
≤ ILIM, I
LOAD = 7 mA
-
-
0.66
Propagation delay from CLK to CLF
CLK rising to CLF falling after a current limit event
-
15
25
ns
CURRENT SENSE COMPARATOR
Bias voltage
Includes CS comp offset
5
25
50
mV
Input bias current
-
–1
-
µA
Propagation delay from CS to OUTx
ILIM = 0.5 V, measured on OUTx, CS = threshold + 60 mV
-
25
40
ns
Propagation delay from CS to CLF
ILIM = 0.5 V, measured on CLF, CS = threshold + 60 mV
-
25
50
CURRENT SENSE DISCHARGE TRANSISTOR
Discharge resistance
CLK = low, resistance from CS to AGND
10
35
75
Ω
OUTPUT DRIVERS
Source current (2)
VDD = 12 V, CLK = high, OUTx = 5 V
-
4
-
Sink current (2)
VDD = 12 V, CLK = low, OUTx = 5 V
-
4
-
A
Source current(2)
VDD = 4.75 V, CLK = high, OUTx = 0
-
2
-
Sink current (2)
VDD = 4.75 V, CLK = low, OUTx = 4.75 V
-
3
-
Rise time, tR
CLOAD = 2.2 nF, VDD = 12 V
-
10
20
ns
Fall time, tF
CLOAD = 2.2 nF, VDD = 12 V
-
10
15
Output with VDD < UVLO
VDD = 1.0 V, ISINK = 10 mA
-
0.8
1.2
V
CLOAD = open, VDD = 12 V, CLK rising, tD1
-
25
35
Propagation delay from CLK to OUTx
ns
CLOAD = open, VDD = 12 V, CLK falling, tD2
25
35
(2)
Ensured by design. Not 100% tested in production.
Figure 5. Timing Diagram
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com