Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBB-4-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # GBB-4-R
Description  1??" x 1 1??" Very-fast acting ceramic tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

GBB-4-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  GBB-4-R Datasheet HTML 1Page - Eaton All Rights Reserved. GBB-4-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2013
Effective May 2017
Supersedes July 2009
Product features
Agency information
• UL Recognized Card: 1-30A (JFHR2, E56412)
• CSA Component Accepted Card: 1-30A
(Class 1422-30 File 53787)
Ordering
• Specify packaging, product, and option code
GBB
1⁄4" x 1 1⁄4" Very-fast acting ceramic tube fuses
•
Very fast-acting
•
Optional axial leads available
•
1⁄4" x 1 1⁄4" (6.3 x 32mm) physical size
•
Ceramic tube, nickel-plated brass endcap
construction
•
100pc-carton quantity weighs 1.0 lb (0.45 kg)
•
UL Recognized product meets standard 248-14
Electrical Characteristics
Rated Current
% of Amp Rating
Opening Time
100%
None
1 - 20A
150%
2 minutes maximum
250%
1 seconds maximum
400%
-
100%
None
25, 30A
150%
2 minutes maximum
250%
6 seconds maximum
400%
-
Specications
Voltage
AC Interrupting
DC Interrupting
Typical DC Cold
Typical
Part Number
Rating
Rating (amps)*
Rating (amps)*
Resistance
Voltage
Vac
Vdc
250Vac
125Vac
125Vdc
Drop (V)‡
GBB-1-R
250
125
200
10,000
10,000
0.17750
0.2096
GBB-1-1/4-R
250
125
200
10,000
10,000
0.17900
0.2497
GBB-2-R
250
125
200
10,000
10,000
0.06620
0.1687
GBB-3-R
250
125
200
10,000
10,000
0.04475
0.1816
GBB-4-R
250
125
200
10,000
10,000
0.03175
0.1778
GBB-5-R
250
125
200
10,000
10,000
0.02125
0.1217
GBB-6-R
250
125
200
10,000
10,000
0.01800
0.1324
GBB-7-R
250
125
200
10,000
10,000
0.01550
0.1355
GBB-8-R
250
125
200
10,000
10,000
0.01360
0.1144
GBB-9-R
250
125
200
10,000
10,000
0.01070
0.1218
GBB-10-R
250
125
200
10,000
10,000
0.00934
0.0877
GBB-12-R
250
125
200
10,000
10,000
0.00620
0.0806
GBB-15-R
250
125
200
10,000
10,000
0.00472
0.0735
GBB-20-R
250
125
200
200
200
0.00330
0.0728
GBB-25-R
250
125
200
200
200
0.00252
0.0610
GBB-30-R
250
125
200
200
200
0.00206
0.0657
* Interrupting ratings: Interrupting ratings for 1-15A at 125Vdc was measured at 10,000A, 3.5 ms maximum, with time constant. Ratings 20-30A at 125Vdc were measured at 200A, 0.5
ms maximum, with time constant. Ratings 1-15A at 125Vac were measured at 10,000A, and 70% - 80% power factor. The interrupting ratings for 1-30A at 250Vac were measured at
90% - 100% power factor.
** DC Cold Resistance (Measured at <10% of rated current)
† Typical Melting I 2t (I2t was measured at listed interrupting rating and rated voltage) Interrupting ratings were measured at 70% to 80% power factor on AC.
‡ Typical Voltage drop (Voltage drop was measured at 25°C±3°C ambient temperature at rated current)
(Ω)**


Similar Part No. - GBB-4-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GBB-4-R COOPER-GBB-4-R Datasheet
227Kb / 2P
GBB Series, Very Fast-Acting
More results

Similar Description - GBB-4-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AGW-212 COOPER-AGW-212 Datasheet
241Kb / 2P
Fast-Acting 1??? x 7??? Glass Tube Fuses
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
BKAGC-2 COOPER-BKAGC-2 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
ABC-10A COOPER-ABC-10A Datasheet
279Kb / 2P
1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
MDA-14-R COOPER-MDA-14-R Datasheet
280Kb / 2P
1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
AGC EATON-AGC Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
AGX EATON-AGX Datasheet
409Kb / 2P
1/4??x 1??Fast-acting glass tube fuses
AGC EATON-AGC_V01 Datasheet
953Kb / 5P
1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com