Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2321981 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2321981
Description  Passive module - FLKM-2KS40/PMT/ST/YCS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2321981 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2321981 Datasheet HTML 1Page - PHOENIX CONTACT 2321981 Datasheet HTML 2Page - PHOENIX CONTACT 2321981 Datasheet HTML 3Page - PHOENIX CONTACT 2321981 Datasheet HTML 4Page - PHOENIX CONTACT 2321981 Datasheet HTML 5Page - PHOENIX CONTACT 2321981 Datasheet HTML 6Page - PHOENIX CONTACT 2321981 Datasheet HTML 7Page - PHOENIX CONTACT 2321981 Datasheet HTML 8Page - PHOENIX CONTACT 2321981 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
https://www.phoenixcontact.com/us/products/2321981
08/29/2016   Page 4 / 20
Passive module - FLKM-2KS40/PMT/ST/YCS - 2321981
Dimensional drawing
181
X10
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
11A
12A
13A
14A
15A
16A
1B
2B
3B
4B
5B
6B
7B
8B
9B
10B
11B
12B
13B
14B
15B
16B
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
11A
12A
13A
14A
15A
16A
1B
2B
3B
4B
5B
6B
7B
8B
9B
10B
11B
12B
13B
14B
15B
16B
1
X1A
39
40
2
1
X1B
39
40
2
Connection to AAI 141 / AAI 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com