Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTX17-18913-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CTX17-18913-R
Description  Multi-phase power inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CTX17-18913-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CTX17-18913-R Datasheet HTML 1Page - Eaton All Rights Reserved. CTX17-18913-R Datasheet HTML 2Page - Eaton All Rights Reserved. CTX17-18913-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 10272
Effective November 2015
Supersedes December 2014
Description
High current multi-phase inductor
100nH per phase coupled inductor
Ferrite core material
Patents pending
Halogen free, lead free, RoHS compliant
Applications
For exclusive use with Volterra® or Maxim®
VPR-Devices
Environmental Data
Storage temperature range (Component):
-40°C to +125°C
Operating temperature range: -40°C to +125°C
(ambient plus self-temperature rise)
Solder reflow temperature: J-STD-020D
compliant
Volterra® is a registered trademark of Volterra Semiconductor, LLC.
Maxim® is a registered trademark of Maxim Integrated Devices, Inc.
Pb
HALOGEN
HF
FREE
CTX17-18913-R
Multi-phase power inductor


Similar Part No. - CTX17-18913-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX1-1 COOPER-CTX1-1 Datasheet
461Kb / 8P
Power Inductors and Transformers
CTX1-1-R COOPER-CTX1-1-R Datasheet
573Kb / 8P
Power Inductors and Transformers
logo
Eaton All Rights Reserv...
CTX1-1-R EATON-CTX1-1-R Datasheet
682Kb / 9P
ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
logo
Cooper Bussmann, Inc.
CTX1-1A COOPER-CTX1-1A Datasheet
461Kb / 8P
Power Inductors and Transformers
logo
Eaton All Rights Reserv...
CTX1-1A-R EATON-CTX1-1A-R Datasheet
682Kb / 9P
ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results

Similar Description - CTX17-18913-R

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
4CM2500KG CPI-4CM2500KG_11 Datasheet
2Mb / 14P
MULTI-PHASE COOLED POWER TETRODE
logo
Cooper Bussmann, Inc.
CPL2-4-50TR-R COOPER-CPL2-4-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
logo
Panasonic Semiconductor
ELG-TEA PANASONIC-ELG-TEA Datasheet
135Kb / 1P
Multi Layer Power Inductor
logo
Eaton All Rights Reserv...
CL1108 EATON-CL1108 Datasheet
358Kb / 5P
Multi-phase power inductors
CLB1108 EATON-CLB1108 Datasheet
506Kb / 5P
Multi-phase power inductors
CPL EATON-CPL Datasheet
872Kb / 6P
Multi-phase power inductors
CL0904 EATON-CL0904 Datasheet
614Kb / 4P
Multi-Phase power inductors
CPL2 EATON-CPL2 Datasheet
386Kb / 4P
Multi-phase power inductors
CL0608 EATON-CL0608 Datasheet
428Kb / 4P
Multi-phase power inductors
CL1208 EATON-CL1208 Datasheet
864Kb / 8P
Multi-phase power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com