Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS26V-R060860 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS26V-R060860
Description  KEMET, SS26V, AC Line Filters, Common Mode, 0.086 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS26V-R060860 Datasheet(HTML) 1 Page - Kemet Corporation

  SS26V-R060860 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SS26V-R060860
(UAL26VR0608600)
KEMET, SS26V, AC Line Filters, Common Mode, 0.086 H
Dimensions
L
26mm +/-1mm
T
20.5mm +/-1mm
H
30.5mm +/-1mm
S
10mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 350
Weight: 25.4 g
General Information
Series: SS26V
Style: Through-Hole
RoHS: Yes
Notes: Replacement For SS28V Type
And SS24V Type
Miscellaneous: Temperature Rise Maximum: 45
K
Specifications
Voltage AC: 250 VAC
Inductance: 86 mH
Current: 600 mA
Temperature Range: -25/+120°C
DC Resistance: 1.8 Ohms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/19/2019 - aec84da7-55da-4e36-a9e2-9a378bb8d628


Similar Part No. - SS26V-R060860

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS26V-R060860 KEMET-SS26V-R060860 Datasheet
377Kb / 6P
SS Coils, SS26V Type
More results

Similar Description - SS26V-R060860

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCF-02-1300 KEMET-SCF-02-1300 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.013 H
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
76Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.05 H
SC-04-E120JKH KEMET-SC-04-E120JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
SC-05-1100 KEMET-SC-05-1100 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.011 H
SS21V-R040770 KEMET-SS21V-R040770 Datasheet
78Kb / 1P
KEMET, SS21V, AC Line Filters, Common Mode, 0.077 H
SS26V-050880 KEMET-SS26V-050880 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.088 H
SSR10H-14140 KEMET-SSR10H-14140 Datasheet
238Kb / 1P
KEMET, SSR10V/H, AC Line Filters, Common Mode, 0.014 H
SS26V-060640 KEMET-SS26V-060640 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.064 H
SS26V-150121 KEMET-SS26V-150121 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.0121 H
SC-08-E1000 KEMET-SC-08-E1000 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.01 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com