Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS30V-R450017 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS30V-R450017
Description  KEMET, SS30V, AC Line Filters, Common Mode, 1700 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS30V-R450017 Datasheet(HTML) 1 Page - Kemet Corporation

  SS30V-R450017 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SS30V-R450017
(UAL30VR4500170)
KEMET, SS30V, AC Line Filters, Common Mode, 1700 uH
Dimensions
L
31mm +/-1mm
T
22.5mm +/-1mm
H
33mm +/-1mm
S
19.5mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 200
Weight: 26.1 g
General Information
Series: SS30V
Style: Through-Hole
RoHS: Yes
Notes: Replacement For SS35V Type
And SS28V Type
Miscellaneous: Temperature Rise Maximum: 50
K
Specifications
Voltage AC: 250 VAC
Inductance: 1.7 mH
Current: 4.5 A
Temperature Range: -25/+120°C
DC Resistance: 60 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/19/2019 - 5bb35359-eda7-4d30-8333-338cff07d98d


Similar Part No. - SS30V-R450017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS30V-R450017 KEMET-SS30V-R450017 Datasheet
337Kb / 5P
SS Coils, SS30V Type
More results

Similar Description - SS30V-R450017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCF-03-650 KEMET-SCF-03-650 Datasheet
77Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 6500 uH
SC-02-E50JKH KEMET-SC-02-E50JKH Datasheet
99Kb / 1P
KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
SC-04-200 KEMET-SC-04-200 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
SC-10-340 KEMET-SC-10-340 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 3400 uH
SS30V-150200 KEMET-SS30V-150200 Datasheet
75Kb / 1P
KEMET, SS30V, AC Line Filters, Common Mode, 0.02 H
SS30V-180145 KEMET-SS30V-180145 Datasheet
76Kb / 1P
KEMET, SS30V, AC Line Filters, Common Mode, 0.0145 H
SS30V-200100 KEMET-SS30V-200100 Datasheet
75Kb / 1P
KEMET, SS30V, AC Line Filters, Common Mode, 0.01 H
SC-08-170H KEMET-SC-08-170H Datasheet
78Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 1700 uH
SS30V-100530 KEMET-SS30V-100530 Datasheet
75Kb / 1P
KEMET, SS30V, AC Line Filters, Common Mode, 0.053 H
SS30V-400021 KEMET-SS30V-400021 Datasheet
75Kb / 1P
KEMET, SS30V, AC Line Filters, Common Mode, 2100 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com