Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693MP-ADJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38693MP-ADJ
Description  500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38693MP-ADJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP38693MP-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38693MP-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LP38691-ADJ/LP38693-ADJ
500mA Low Dropout CMOS Linear Regulators with
Adjustable Output
Stable with Ceramic Output Capacitors
General Description
The LP38691/3-ADJ low dropout CMOS linear regulators
provide 2.0% precision reference voltage, extremely low
dropout voltage (250mV @ 500mA load current, V
OUT = 5V)
and excellent AC performance utilizing ultra low ESR ce-
ramic output capacitors.
The low thermal resistance of the LLP and SOT-223 pack-
ages allow the full operating current to be used even in high
ambient temperature environments.
The use of a PMOS power transistor means that no DC base
drive current is required to bias it allowing ground pin current
to remain below 100 µA regardless of load current, input
voltage, or operating temperature.
Dropout Voltage: 250 mV (typ) @ 500mA (typ. 5V out).
Ground Pin Current: 55 µA (typ) at full load.
Adjust Pin Voltage: 2.0% (25˚C) accuracy.
Features
n
Output voltage range of 1.25V - 9V
n
2.0% adjust pin voltage accuracy (25˚C)
n
Low dropout voltage: 250mV @ 500mA (typ, 5V out)
n
Wide input voltage range (2.7V to 10V)
n
Precision (trimmed) bandgap reference
n
Guaranteed specs for -40˚C to +125˚C
n
1µA off-state quiescent current
n
Thermal overload protection
n
Foldback current limiting
n
SOT-223 and 6-Lead LLP packages
n
Enable pin (LP38693-ADJ)
Applications
n
Hard Disk Drives
n
Notebook Computers
n
Battery Powered Devices
n
Portable Instrumentation
Typical Application Circuits
20126801
20126802
V
OUT =VADJ x (1 + R1/R2)
Note: *Minimum value required for stability.
PRELIMINARY
January 2005
© 2005 National Semiconductor Corporation
DS201268
www.national.com


Similar Part No. - LP38693MP-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693MP-ADJ NSC-LP38693MP-ADJ Datasheet
399Kb / 14P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693MP-ADJ TI1-LP38693MP-ADJ Datasheet
1Mb / 27P
500-mA Low-Dropout CMOS Linear Regulators Stable
LP38693MP-ADJ/NOPB TI1-LP38693MP-ADJ/NOPB Datasheet
1Mb / 22P
LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38693MP-ADJ/NOPB TI1-LP38693MP-ADJ/NOPB Datasheet
1Mb / 27P
500-mA Low-Dropout CMOS Linear Regulators Stable
More results

Similar Description - LP38693MP-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com