Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP18480 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 29Page - Microchip Technology MCP18480 Datasheet HTML 30Page - Microchip Technology MCP18480 Datasheet HTML 31Page - Microchip Technology MCP18480 Datasheet HTML 32Page - Microchip Technology MCP18480 Datasheet HTML 33Page - Microchip Technology MCP18480 Datasheet HTML 34Page - Microchip Technology MCP18480 Datasheet HTML 35Page - Microchip Technology MCP18480 Datasheet HTML 36Page - Microchip Technology MCP18480 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 33
MCP18480
3.0
PIN DESCRIPTIONS
TABLE 3-1:
MCP18480 PIN DESCRIPTIONS
Pin Name
Pin
Number
Pin
Direction
Buffer
Type
Description
SSOP
VPOS
1
I
P
Positive supply input.
Internal Shunt Regulator connected between VPOS and VNEG limits the
potential to 12V between these two pins. A series resistor must be
placed on the VPOS pin to limit the current into the device.
OVTH
2
I
A
Overvoltage protection threshold.
An external resistor divider network is connected to this input pin to
program the overvoltage protection threshold. The selected external
resistor values for the OVTH to system ground and OVTH to VNEG resis-
tors should have currents in the 1 mA range. A typical Overvoltage
threshold is -76V. Internal hysteresis in the overvoltage input compar-
ator will allow proper operation once VNEG falls below the selected
threshold.
UVTH
3
I
A
Undervoltage lockout threshold.
An external resistor divider network is connected to this input pin to
program the undervoltage lockout threshold. If the voltage on UVTH is
less than VNEG + 2.5V, the undervoltage comparator will trip, indicating
an Undervoltage condition.
An external hysteresis resistor can be used to set the high-to-low
(VTHF) threshold below the low-to-high (VTHR) threshold. For telecom
network equipment, it is desirable to have shutdown occur at -38.5V
and the startup set at -43.0V.
UVHYS
4
I
A
Undervoltage internal comparator hysteresis.
An external resistor is connected between this input to the UVTH input
pin to adjust the hysteresis of the internal Undervoltage comparator.
Since it is desirable to shut down at -38.5V and restart at -43.0V in
telecom switch equipment.
UVD
5
I/O
A
Undervoltage event delay.
An external capacitor is connected to this input pin to set the delay
between when the UVTH pin drops below the trip point specified by the
voltage on the VREFIN pin and when the system shutdown occurs
(causing the PWRGOOD pin to be driven to an inactive level and the
GATE pin to be pulled to the VNEG pin voltage level). The UVD pin
sources a current equivalent to the IISET (in typical applications, the
IISET current equals 10 µA), which charges this external capacitor
while an internal comparator compares this voltage on the UVD pin to
|VREFIN|/2.
Typically, for telecom equipment, the system is expected to shut down
when the input voltage falls below -38.5V (±1.0V DC) for greater than
100 ms.
Legend: TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS-compatible input
A = Analog
D = Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com