Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3003NT1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3003NT1 Datasheet(HTML) 4 Page - NXP Semiconductors

  MMG3003NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMG3003NT1
50 OHM TYPICAL CHARACTERISTICS
30
45
5.8
VCC, COLLECTOR VOLTAGE (V)
Figure 8. Third Order Output Intercept Point
versus Collector Voltage
42
39
36
33
6
6.2
6.4
6.6
f = 900 MHz
100 kHz Tone Spacing
100
--40
--20
0
20
40
60
80
39
42
T, TEMPERATURE (_C)
Figure 9. Third Order Output Intercept Point
versus Case Temperature
41
40
VCC =6.2 Vdc
f = 900 MHz
100 kHz Tone Spacing
8 Vdc Supply with 10 Ω Dropping Resistor
Figure 10. Third Order Intermodulation Distortion
versus Output Power
Pout, OUTPUT POWER (dBm)
24
912
15
18
21
--80
--30
--50
--60
--70
--40
150
103
105
120
Figure 11. MTTF versus Junction Temperature
104
125
130
135
140
145
TJ, JUNCTION TEMPERATURE (C)
NOTE: The MTTF is calculated with VCC =6.2 Vdc, ICC = 180 mA
4
0
8
0
f, FREQUENCY (GHz)
Figure 12. Noise Figure versus Frequency
6
4
2
0.5
2
3
1
1.5
2.5
3.5
19
--70
--20
9
Pout, OUTPUT POWER (dBm)
Figure 13. Single--Carrier W--CDMA Adjacent
Channel Power Ratio versus Output Power
--30
--40
--50
--60
17
15
13
11
VCC =6.2 Vdc
VCC =6.2 Vdc
f = 900 MHz
100 kHz Tone Spacing
VCC = 6.2 Vdc, f = 2140 MHz, C5 = 1.3 pF
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 8.5 dB @ 0.01% Probability(CCDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com