Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

366607 Datasheet(PDF) 1 Page - Adels-Contact

Part # 366607
Description  GST 760 HG/ 7
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

366607 Datasheet(HTML) 1 Page - Adels-Contact

  366607 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
Pluggable PCB Connectors
GST 760 HG/ 7
Male Header Horizontal, Pin Spacing: 3.5 mm, 7 pole, Voltage
Rating: 125 V, Current Rating: 8 A, Connection Type: Solder
Order Info
Reference Number (ref. no.)
366607
Applications
Lighting, Electrical Appliances, Electronics
PU
200
EAN
4028012124442
Type
Type
Male Header Horizontal
Number of poles
7 pole
Colour
blue
Connection Type
Solder
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
125 V
Current Rating
8 A
Insulating Material
PBT
Contact Material
Brass
Flammability Rating
V-0
max. Ambient Temperature Operation
60 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0-6.5 mm
Pin Spacing
3.5 mm
Approbation EN61984
GSK760_GST760_GSK_864_GSK864_EN61984_20060227_20110511_VDE_40016970_web.pdf
Approbation UL
GSK760_GSK860_GSK864_GSK865_UL_E63492_1-11_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 366607

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
366602 ADELS-366602 Datasheet
116Kb / 1P
GST 760 HG/ 2
366603 ADELS-366603 Datasheet
116Kb / 1P
GST 760 HG/ 3
366604 ADELS-366604 Datasheet
117Kb / 1P
GST 760 HG/ 4
366605 ADELS-366605 Datasheet
109Kb / 1P
GST 760 HG/ 5
366606 ADELS-366606 Datasheet
109Kb / 1P
GST 760 HG/ 6
More results

Similar Description - 366607

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
366602 ADELS-366602 Datasheet
116Kb / 1P
GST 760 HG/ 2
366603 ADELS-366603 Datasheet
116Kb / 1P
GST 760 HG/ 3
366604 ADELS-366604 Datasheet
117Kb / 1P
GST 760 HG/ 4
366605 ADELS-366605 Datasheet
109Kb / 1P
GST 760 HG/ 5
366606 ADELS-366606 Datasheet
109Kb / 1P
GST 760 HG/ 6
366608 ADELS-366608 Datasheet
109Kb / 1P
GST 760 HG/ 8
366609 ADELS-366609 Datasheet
109Kb / 1P
GST 760 HG/ 9
366610 ADELS-366610 Datasheet
119Kb / 1P
GST 760 HG/10
366611 ADELS-366611 Datasheet
109Kb / 1P
GST 760 HG/11
366612 ADELS-366612 Datasheet
119Kb / 1P
GST 760 HG/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com