Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2299990 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2299990
Description  FLKM-D 9 SUB/B/ZFKDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2299990 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2299990 Datasheet HTML 1Page - PHOENIX CONTACT 2299990 Datasheet HTML 2Page - PHOENIX CONTACT 2299990 Datasheet HTML 3Page - PHOENIX CONTACT 2299990 Datasheet HTML 4Page - PHOENIX CONTACT 2299990 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FLKM-D 9 SUB/B/ZFKDS Order No.: 2304034
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2304034
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Accessories
Item
Designation
Description
Cable/conductor
2302434
CABLE D-SUB-S-S-S/.../.../...
Shielded round cable, assembled with two D-SUB male
connectors, variable cable length
2302340
CABLE D-SUB-S/.../.../...
Shielded round cable, assembled with one D-SUB male and one
female connector, variable cable length
2299987
CABLE-D 9SUB/B/S/ 50/
KONFEK/S
Round shielded cable set, with 9-pos. D-SUB female and male
connectors, cable length: 0.5 m
2299990
CABLE-D 9SUB/B/S/100/
KONFEK/S
Round shielded cable set, with 9-pos. D-SUB female and male
connectors, cable length: 1 m
2300009
CABLE-D 9SUB/B/S/150/
KONFEK/S
Round shielded cable set, with 9-pos. D-SUB female and male
connectors, cable length: 1.5 m
2302010
CABLE-D 9SUB/B/S/200/
KONFEK/S
Round shielded cable set, with 9-pos. D-SUB female and male
connectors, cable length: 2 m
2302023
CABLE-D 9SUB/B/S/300/
KONFEK/S
Round shielded cable set, with 9-pos. D-SUB female and male
connectors, cable length: 3 m
2302036
CABLE-D 9SUB/B/S/400/
KONFEK/S
Round shielded cable set, with 9-pos. D-SUB female and male
connectors, cable length: 4 m
2302049
CABLE-D 9SUB/B/S/600/
KONFEK/S
Round shielded cable set, with 9-pos. D-SUB female and male
connectors, cable length: 6 m
2926360
CABLE-D- 9SUB/M/OE/0,25/
S/0,5M
Shielded cable with a 9-pos. D-SUB pin strip and one open end.
The individual wires are labeled 1 to 9 and fitted with ferrules. The
braided shield is routed to a separate cable end. Cable length: 0.5
m.
2926373
CABLE-D- 9SUB/M/OE/0,25/
S/1,0M
Shielded cable with a 9-pos. D-SUB pin strip and one open end.
The individual wires are labeled 1 to 9 and fitted with ferrules. The
braided shield is routed to a separate cable end. Cable length: 1
m.
2926386
CABLE-D- 9SUB/M/OE/0,25/
S/1,5M
Shielded cable with a 9-pos. D-SUB pin strip and one open end.
The individual wires are labeled 1 to 9 and fitted with ferrules. The
braided shield is routed to a separate cable end. Cable length: 1.5
m.
2926399
CABLE-D- 9SUB/M/OE/0,25/
S/2,0M
Shielded cable with a 9-pos. D-SUB pin strip and one open end.
The individual wires are labeled 1 to 9 and fitted with ferrules. The
braided shield is routed to a separate cable end. Cable length: 2
m.
2926409
CABLE-D- 9SUB/M/OE/0,25/
S/3,0M
Shielded cable with a 9-pos. D-SUB pin strip and one open end.
The individual wires are labeled 1 to 9 and fitted with ferrules. The
braided shield is routed to a separate cable end. Cable length: 3
m.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com