Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2304432 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2304432
Description  Interface module - FLKM 16/DV
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2304432 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2304432 Datasheet HTML 1Page - PHOENIX CONTACT 2304432 Datasheet HTML 2Page - PHOENIX CONTACT 2304432 Datasheet HTML 3Page - PHOENIX CONTACT 2304432 Datasheet HTML 4Page - PHOENIX CONTACT 2304432 Datasheet HTML 5Page - PHOENIX CONTACT 2304432 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2304432
03/02/2020   Page 1 / 6
Interface module - FLKM 16/DV - 2304432
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Interface module with 1:1 connection (suitable for Delta V control system)
Your advantages
 These system-specific interface modules for DeltaV modules are used in combination with the relevant system cables
 Universal module
 1:1 connection
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918981976
Technical data
Dimensions
Width
44.5 mm
Height
90 mm
Depth
66 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Degree of protection
IP20
General
Max. permissible operating voltage
25 V AC
60 V DC
Max. perm. current (per branch)
1 A (per signal path)
Number of positions
16


Similar Part No. - 2304432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2304403 PHOENIX-2304403 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304429 PHOENIX-2304429 Datasheet
88Kb / 6P
Interface module - FLKM 16/AI/DV
2304445 PHOENIX-2304445 Datasheet
89Kb / 6P
Passive module - FLKM 16/AO/SI/DV
logo
TE Connectivity Ltd
2304452-1 TEC-2304452-1 Datasheet
2Mb / 2P
CFP2 & CFP4 PLUGGABLE I/O CONNECTORS & CAGES
2304454-1 TEC-2304454-1 Datasheet
2Mb / 2P
CFP2 & CFP4 PLUGGABLE I/O CONNECTORS & CAGES
More results

Similar Description - 2304432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2302900 PHOENIX-2302900 Datasheet
63Kb / 5P
Interface module - FLKM 16/ZFKDS
2304429 PHOENIX-2304429 Datasheet
88Kb / 6P
Interface module - FLKM 16/AI/DV
2304445 PHOENIX-2304445 Datasheet
89Kb / 6P
Passive module - FLKM 16/AO/SI/DV
2304458 PHOENIX-2304458 Datasheet
58Kb / 3P
Passive module - FLKM 16/DI/SI/LA/DV
2304720 PHOENIX-2304720 Datasheet
77Kb / 3P
Passive module - FLKM-2FLK20/32M/IN/LA/DV
2304733 PHOENIX-2304733 Datasheet
79Kb / 3P
Passive module - FLKM-2FLK20/32M/OUT/LA/DV
2304746 PHOENIX-2304746 Datasheet
74Kb / 3P
Passive module - FLKM-2FLK20/32M/DV
2304869 PHOENIX-2304869 Datasheet
88Kb / 4P
Passive module - FLKM 50/32M/DV
5601701 PHOENIX-5601701 Datasheet
45Kb / 2P
Interface module - FLKM 16-LONG LATCH
2281034 PHOENIX-2281034 Datasheet
64Kb / 3P
Interface module - FLKM 16
11/05/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com