Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935WL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935WL
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935WL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4935WL Datasheet HTML 9Page - National Semiconductor (TI) LM4935WL Datasheet HTML 10Page - National Semiconductor (TI) LM4935WL Datasheet HTML 11Page - National Semiconductor (TI) LM4935WL Datasheet HTML 12Page - National Semiconductor (TI) LM4935WL Datasheet HTML 13Page - National Semiconductor (TI) LM4935WL Datasheet HTML 14Page - National Semiconductor (TI) LM4935WL Datasheet HTML 15Page - National Semiconductor (TI) LM4935WL Datasheet HTML 16Page - National Semiconductor (TI) LM4935WL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
10.0 Electrical Characteristics (Notes 1, 2) Unless otherwise stated PLL_V
DD = 3.3V, D_VDD = 3.3V,
BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following specifications apply for the circuit shown in Figure 2 unless
otherwise stated. Limits apply for 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4935
Units
Typical
(Note 6)
Limit
(Note 7)
AUDIO PATH GAIN W/ STEREO (bit 6 of 0x00h) ENABLED (AUX_L & AUX_R signals identical and selected onto mixer)
Loudspeaker Audio Path Gain
Minimum Gain from AUX input,
BOOST OFF
–34.5
dB
Maximum Gain from AUX input,
BOOST OFF
12
dB
Minimum Gain from CPI input
–22.5
dB
Maximum Gain from CPI input
24
dB
Headphone Audio Path Gain
Minimum Gain from AUX input,
BOOST OFF
–52.5
dB
Maximum Gain from AUX input,
BOOST OFF
–6
dB
Minimum Gain from CPI input
–40.5
dB
Maximum Gain from CPI input
6
dB
Minimum Gain from MIC input using
SIDETONE path w/ VCR
MIC gain =
6dB
–30
dB
Maximum Gain from MIC input using
SIDETONE path w/ VCR
MIC gain =
6dB
0dB
Earpiece Audio Path Gain
Minimum Gain from AUX input,
BOOST OFF
–40.5
dB
Maximum Gain from AUX input,
BOOST OFF
6dB
Minimum Gain from CPI input
–28.5
dB
Maximum Gain from CPI input
18
dB
Minimum Gain from MIC input using
SIDETONE path w/ VCR
MIC gain =
6dB
–18
dB
Maximum Gain from MIC input using
SIDETONE path w/ VCR
MIC gain =
6dB
12
dB
AUXOUT Audio Path Gain
Minimum Gain from AUX input,
BOOST OFF
–46.5
dB
Maximum Gain from AUX input,
BOOST OFF
0dB
Minimum Gain from CPI input
–34.5
dB
Maximum Gain from CPI input
12
dB
CPOUT Audio Path Gain
Minimum Gain from AUX input,
BOOST OFF
–46.5
dB
Maximum Gain from AUX input,
BOOST OFF
0dB
Minimum Gain from MIC input
6
dB
Maximum Gain from MIC input
36
dB
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com