Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC393 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC393
Description  DUAL BINARY COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC393 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC393 Datasheet HTML 1Page - STMicroelectronics M74HC393 Datasheet HTML 2Page - STMicroelectronics M74HC393 Datasheet HTML 3Page - STMicroelectronics M74HC393 Datasheet HTML 4Page - STMicroelectronics M74HC393 Datasheet HTML 5Page - STMicroelectronics M74HC393 Datasheet HTML 6Page - STMicroelectronics M74HC393 Datasheet HTML 7Page - STMicroelectronics M74HC393 Datasheet HTML 8Page - STMicroelectronics M74HC393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED :
fMAX = 79 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 393
DESCRIPTION
The M74HC393 is an high speed CMOS DUAL
BINARY COUNTER fabricated with silicon gate
C2MOS technology.
This counter circuit contains independent ripple
carry counters and two 4-bit ripple carry binary
counters, which can be cascaded to create a
single divide by 256 counter.
Each 4-bit counter is incremented on the high to
low transition (negative edge) of the clock input,
and each has an independent clear input. When
CLEAR is set to low, all four bits of each counter
are set to a low level. This enables count
truncation and allows the implementation of divide
by N counter configurations.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC393
DUAL BINARY COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC393B1R
SOP
M74HC393M1R
M74HC393RM13TR
TSSOP
M74HC393TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC393 STMICROELECTRONICS-M74HC393 Datasheet
256Kb / 12P
M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R
Feb-1993
M74HC393B1R STMICROELECTRONICS-M74HC393B1R Datasheet
256Kb / 12P
M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R
Feb-1993
M74HC393C1R STMICROELECTRONICS-M74HC393C1R Datasheet
256Kb / 12P
M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R
Feb-1993
M74HC393M1R STMICROELECTRONICS-M74HC393M1R Datasheet
256Kb / 12P
M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R
Feb-1993
More results

Similar Description - M74HC393

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4520B PHILIPS-HEF4520B Datasheet
64Kb / 7P
Dual binary counter
January 1995
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
DUAL BINARY COUNTER
Oct-1993
logo
Toshiba Semiconductor
TC74VHC393F TOSHIBA-TC74VHC393F Datasheet
257Kb / 7P
DUAL BINARY COUNTER
TC74AC393F TOSHIBA-TC74AC393F Datasheet
298Kb / 7P
DUAL BINARY COUNTER
TC74HC393AP TOSHIBA-TC74HC393AP Datasheet
288Kb / 8P
DUAL BINARY COUNTER
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
logo
Nexperia B.V. All right...
HEF4520B-Q100 NEXPERIA-HEF4520B-Q100 Datasheet
184Kb / 14P
Dual binary counter
logo
Toshiba Semiconductor
74VHC393FT TOSHIBA-74VHC393FT Datasheet
192Kb / 12P
Dual Binary Counter
2017-02-22
TC74VHC393F TOSHIBA-TC74VHC393F_V01 Datasheet
282Kb / 9P
Dual Binary Counter
2019-01-31
logo
Nexperia B.V. All right...
HEF4520B NEXPERIA-HEF4520B Datasheet
219Kb / 12P
Dual binary counter
Rev. 8 - 1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com