Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1722CS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1722CS5
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1722CS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1722CS5 Datasheet HTML 2Page - Linear Technology LT1722CS5 Datasheet HTML 3Page - Linear Technology LT1722CS5 Datasheet HTML 4Page - Linear Technology LT1722CS5 Datasheet HTML 5Page - Linear Technology LT1722CS5 Datasheet HTML 6Page - Linear Technology LT1722CS5 Datasheet HTML 7Page - Linear Technology LT1722CS5 Datasheet HTML 8Page - Linear Technology LT1722CS5 Datasheet HTML 9Page - Linear Technology LT1722CS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1722/LT1723/LT1724
6
172234fa
The q denotes the specifications which apply over the temperature range of
–40
°C ≤ TA ≤ 85°C. VS = 5V, VCM = 2.5V, RL to 2.5V, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 6)
q
1000
µV
LT1722 SOT-23 and LT1723 MS8
q
1200
µV
Input VOS Drift
(Note 9)
q
310
µV/°C
IOS
Input Offset Current
q
400
nA
IB
Input Bias Current
q
400
nA
Input Voltage Range +
q
3.5
V
Input Voltage Range –
q
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
q
75
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
q
2V/mV
VOUT
Output Swing+
RL = 500Ω, VIN = ±10mV
q
3.5
V
Output Swing–
RL = 500Ω, VIN = ±10mV
q
1.5
V
IOUT
Output Current
VOUT = 3.5V or 1.5V, 30mV Overdrive
q
8mA
ISC
Short-Circuit Current
VOUT = 2.5V, VIN = ±1V
q
10
mA
SR
Slew Rate
AV = –1, (Note 7)
q
20
V/
µs
GBW
Gain Bandwidth (Note 10)
f = 200kHz
q
90
MHz
Channel Separation
VOUT = 1.5V to 3.5V, RL = 500Ω
q
80
dB
IS
Supply Current
q
6.45
mA
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1722C/LT1722I, LT1723C/LT1723I, LT1724C/LT1724I
are guaranteed functional over the operating temperature range of
–40
°C to 85°C.
Note 5: The LT1722C/LT1723C/LT1724C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1722C/LT1723C/LT1724C are
designed, characterized and expected to meet specified performance from
–40
°C to 85°C but are not tested or QA sampled at these temperatures.
The LT1722I/LT1723I/LT1724I are guaranteed to meet specified
performance from –40
°C to 85°C.
Note 6: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
Note 7: Slew rate is measured between
±2V on the output with ±3V input
for
±5V supplies and ±1V on the output with ±1.5V input for single 5V
supply. (For 5V supply, the voltage levels are 2.5V referred.)
Note 8: Full power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP
Note 9 : This parameter is not 100% tested.
Note 10 : This parameter is guaranteed through correlation with slew rate.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com