Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88813VKG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88813VKG
Description  3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88813VKG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88813VKG Datasheet HTML 1Page - Micrel Semiconductor SY88813VKG Datasheet HTML 2Page - Micrel Semiconductor SY88813VKG Datasheet HTML 3Page - Micrel Semiconductor SY88813VKG Datasheet HTML 4Page - Micrel Semiconductor SY88813VKG Datasheet HTML 5Page - Micrel Semiconductor SY88813VKG Datasheet HTML 6Page - Micrel Semiconductor SY88813VKG Datasheet HTML 7Page - Micrel Semiconductor SY88813VKG Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY88813V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
3.3V/5V 155Mbps PECL LOW POWER
LIMITING POST AMPLIFIER WITH PECL
SIGNAL DETECT
SY88813V
Rev.: B
Amendment: /0
Issue Date:
July 2005
TYPICAL APPLICATIONS CIRCUIT
APPLICATIONS
s 155Mbps SONET/SDH
s Small form factor transceivers
s High-gain line driver and line receiver
s Single 3.3V or 5V power supply
s Up to 155Mbps operation
s Low noise PECL data outputs
s Chatter-free PECL Signal Detect (SD) output
s TTL /EN input
s Programmable SD level set (SD
LVL)
s Available in a tiny 10-pin MSOP (3mm) package
FEATURES
DESCRIPTION
The SY88813V low power limiting post amplifier is
designed for use in fiber-optic receivers. The device connects
to typical transimpedance amplifiers (TIAs). The linear signal
output from TIAs can contain significant amounts of noise
and may vary in amplitude over time. The SY88813V
quantizes these signals and outputs PECL level waveforms.
The SY88813V operates from a single +3.3V or +5V
power supply, over temperatures ranging from –40
°C to
+85
°C. With its wide bandwidth and high gain, signals with
data rates up to 155Mbps and as small as 5mV
PP can be
amplified to drive devices with PECL inputs.
The SY88813V generates a PECL signal-detect output.
A programmable signal-detect level set pin (SD
LVL) sets
the sensitivity of the input amplitude detection. SD asserts
high if the input amplitude rises above the threshold set by
SD
LVL and deasserts low otherwise. /EN deasserts the true
output signal without removing the input signal. Typically
4.6dB SD hysteresis is provided to prevent chattering.
VCC
/EN
GND
GND
To
CDR
SY88813V
3k
Ω
From
Transimpedance
Amp.
DOUT
/DOUT
VREF
VCC
SDLVL
DIN
/DIN
0.1
µF
0.1
µF
0.1
µF
0.1
µF
SD
50
Ω
Rpd
50
Ω
100
Ω
Rpd
Rpd
For 3.3V, Rpd = 120Ω
For 5V, Rpd = 220Ω


Similar Part No. - SY88813VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KC MICREL-SY88802KC Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KCTR MICREL-SY88802KCTR Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KI MICREL-SY88802KI Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KITR MICREL-SY88802KITR Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88813VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88309BL MICREL-SY88309BL Datasheet
340Kb / 11P
3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
SY88803V MICREL-SY88803V_06 Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com