Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0731000001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0731000001
Description  50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0731000001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731000001_V01 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/19/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731000001
Status:
Active
Overview:
BNC Miniature RF Connectors and Cable Assemblies
Description:
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
Documents:
3D Model
3D Model (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73100
Overview
BNC Miniature RF Connectors and Cable Assemblies
Product Name
BNC
Style
Cable
Type
Miniature
UPC
800756103242
Wire/Cable Type
RG-141, RG-303, RG-58
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
19.685/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Frequency
4 GHz
Impedance
50Ω
Power / Voltage
VOLTAGE: 500 Vrms@Sea Level
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73100-0001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Contained Per -
ED/71/2019 (16 July
2019)
Lead
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
73100 Series
This document was generated on 02/19/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0731000001_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731000001 MOLEX11-0731000001 Datasheet
65Kb / 1P
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
More results

Similar Description - 0731000001_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73100-0001 MOLEX11-73100-0001 Datasheet
34Kb / 1P
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
73216-0100 MOLEX11-73216-0100 Datasheet
35Kb / 1P
50 Ohms, TNC Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
73216-0103 MOLEX11-73216-0103 Datasheet
35Kb / 1P
50 Ohms, TNC Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
73251-0100 MOLEX11-73251-0100 Datasheet
33Kb / 1P
50 Ohms, SMA Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
0732510100 MOLEX11-0732510100 Datasheet
59Kb / 1P
50 Ohms, SMA Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
0732510101 MOLEX11-0732510101 Datasheet
59Kb / 1P
50 Ohms, SMA Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
0732160100 MOLEX11-0732160100 Datasheet
31Kb / 1P
50 Ohms, TNC Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
0732160103 MOLEX11-0732160103 Datasheet
31Kb / 1P
50 Ohms, TNC Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
0731000001 MOLEX11-0731000001 Datasheet
65Kb / 1P
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
0732160103 MOLEX-0732160103_V01 Datasheet
31Kb / 1P
50 Ohms, TNC Bulkhead Jack, Crimp, RG-141, RG-303 and RG-58 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com