Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRH601 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PRH601
Description  Multi-frequency integrated reader solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRH601 Datasheet(HTML) 2 Page - NXP Semiconductors

  PRH601 Datasheet HTML 1Page - NXP Semiconductors PRH601 Datasheet HTML 2Page - NXP Semiconductors PRH601 Datasheet HTML 3Page - NXP Semiconductors PRH601 Datasheet HTML 4Page - NXP Semiconductors PRH601 Datasheet HTML 5Page - NXP Semiconductors PRH601 Datasheet HTML 6Page - NXP Semiconductors PRH601 Datasheet HTML 7Page - NXP Semiconductors PRH601 Datasheet HTML 8Page - NXP Semiconductors PRH601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PRH601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219233
2 of 15
NXP Semiconductors
PRH601
Multi-frequency integrated reader solution
2.2 CLRC663
The CLRC663 is a highly integrated transceiver IC for contactless communication at
13.56 MHz. This transceiver IC utilizes an outstanding modulation and demodulation
concept completely integrated for different kinds of contactless communication methods
and protocols at 13.56 MHz.
The CLRC663 transceiver ICs support following different operating modes:
• Reader/Writer mode supporting ISO/IEC 14443A/MIFARE
• Reader/Writer mode supporting ISO/IEC 14443B
• Reader/Writer mode supporting FeliCa scheme
• Reader/Writer mode supporting ISO/IEC 15693
• Reader/Writer mode supporting ICODE EPC UID/ EPC OTP
• Reader/Writer mode supporting ISO/IEC 18000-3 Mode 3
• NFC P2P Initiator
The CLRC663 internal transmitter is able to drive a reader/writer antenna designed to
communicate with ISO/IEC 14443A/MIFARE cards and transponders without additional
active circuitry. The receiver module provides a robust and efficient implementation for
demodulation and decoding signals from ISO 14443A/MIFARE compatible cards and
transponders. The digital module manages the complete ISO 14443A framing and error
detection (parity and CRC) functionality. The CLRC663 supports MIFARE 1K, MIFARE
4K, MIFARE Ultralight, MIFARE, Ultralight C, MIFARE PLUS and MIFARE DESFire
products. The CLRC663 supports contactless communication and uses MIFARE higher
transfer speeds up to 848 kBd in both directions.
The CLRC663 supports all layers of the ISO/IEC 14443B reader/writer communication
scheme, given correct implementation of additional components, like oscillator, power
supply, coil etc. and provided that standardized protocols, e.g. like ISO/IEC 14443-4
and/or ISO/IEC 14443B anticollision are correctly implemented.
Enabled in Reader/Writer mode for FeliCa, the CLRC663 transceiver IC supports the
FeliCa communication scheme. The receiver part provides a robust and efficient
implementation of the demodulation and decoding circuitry for FeliCa coded signals. The
digital part handles the FeliCa framing and error detection like CRC. The CLRC663
supports contactless communication using FeliCa Higher transfer speeds up to 424 kbit/s
in both directions. The CLRC663 supports vicinity protocol according to ISO/IEC15693,
EPC UID and ISO/IEC 18000-3 mode 3. The complete vicinity product family of NXP is
supported and enable a readability for mid-ranger reader applications.
The following host interfaces are provided:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com