Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1908311 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1908311
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1908311 Datasheet(HTML) 1 Page - Festo Corporation.

  1908311 Datasheet HTML 1Page - Festo Corporation. 1908311 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSNU-25-150-P-A
Part number: 1908311
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
150 mm
Piston diameter
25 mm
Piston rod thread
M10x1.25
Type code
DSNU
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Conforms to standard
CETOP RP 52 P
ISO 6432
Piston rod end
External thread
Design
Cylinder barrel
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991217
Variants
Piston rod at one end
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.3 J
Theoretical force at 6 bar, retracting
247.4 N
Theoretical force at 6 bar, advancing
294.5 N
Moving mass at 0 mm stroke
71 g
Additional weight per 10 mm stroke
11 g
Basic weight with 0 mm stroke
238 g
Additional moving mass per 10 mm stroke
6 g
Type of mounting
With accessories
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Plain anodized
Seals material
NBR
TPE-U(PU)
Piston rod material
High-alloy stainless steel
3/29/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1908311

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1908310 FESTO-1908310 Datasheet
85Kb / 2P
ISO cylinder
1908312 FESTO-1908312 Datasheet
92Kb / 2P
ISO cylinder
1908313 FESTO-1908313 Datasheet
91Kb / 2P
ISO cylinder
1908314 FESTO-1908314 Datasheet
91Kb / 2P
ISO cylinder
1908317 FESTO-1908317 Datasheet
88Kb / 2P
ISO cylinder
More results

Similar Description - 1908311

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com