Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1908319 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1908319
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1908319 Datasheet(HTML) 1 Page - Festo Corporation.

  1908319 Datasheet HTML 1Page - Festo Corporation. 1908319 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSNU-25-150-PPV-A
Part number: 1908319
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
150 mm
Piston diameter
25 mm
Piston rod thread
M10x1.25
Type code
DSNU
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Conforms to standard
ISO 6432
CETOP RP 52 P
Piston rod end
External thread
Design
Piston
Piston rod
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00991235
Variants
Piston rod at one end
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.3 J
Cushioning length
17 mm
Theoretical force at 6 bar, retracting
247.4 N
Theoretical force at 6 bar, advancing
294.5 N
Moving mass at 0 mm stroke
71 g
Additional weight per 10 mm stroke
11 g
Basic weight with 0 mm stroke
238 g
Additional moving mass per 10 mm stroke
6 g
Type of mounting
With accessories
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Plain anodized
Seals material
TPE-U(PU)
NBR
3/29/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1908319

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1908310 FESTO-1908310 Datasheet
85Kb / 2P
ISO cylinder
1908311 FESTO-1908311 Datasheet
82Kb / 2P
ISO cylinder
1908312 FESTO-1908312 Datasheet
92Kb / 2P
ISO cylinder
1908313 FESTO-1908313 Datasheet
91Kb / 2P
ISO cylinder
1908314 FESTO-1908314 Datasheet
91Kb / 2P
ISO cylinder
More results

Similar Description - 1908319

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com