Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C13
Description  Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C13 Datasheet HTML 1Page - List of Unclassifed Manufacturers C13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACCULEX •
1-888-472-6676
•
F ax 1-888-210-0119
•
accule x.com
Specifications
Features
Ordering
Information
Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
Green Positive
Bezel Mount
Red Negative
Bezel Mount
Green Negative
Bezel Mount
Display:
Digits:
3½ digits (±1999 counts)
Type:
0.5" (12mm) high-contrast reflective LCD
Backlighting:
Optional Red Negative (red numbers/black background)
Optional Green Negative (green numbers/black background)
Optional Green Positive (black numbers/green background)
Polarity:
Automatic, “-” displayed
Decimal Points:
3 position, user selectable
Overload:
Three lower order digits blank for inputs >1999 & <-1999
Hold:
Available OEM option, contact factory
Inputs:
Ranges:
±200.0mV, ±2.000V, ±20.00V DC
Configuration:
Bipolar & Differential
Protection:
±350V DC, (±100V DC on 200mV range)
Impedance:
>10 M
Ω, (>1 MΩ on 20V range)
Performance:
Accuracy:
±(0.1% +1 count) typical
±(0.1% + 2 counts) maximum
Conversion Rate:
2.5 per second
Normal Mode Rejection: >30 db @ 60 Hz
Common Mode Range: ±1V DC
Common Mode Rej.: >86 dB
Zero Adjustment:
Automatic
Warmup:
10 minutes typical
Temperature Coeff.:
± 100 ppm per °C typical
Environment:
Operating Range:
0 to 50 °C
Storage Range:
-20 to 70 °C
Power Supply:
5V powered DPM:
+5V DC (±5%) at 2.5 mA
Optional Backlight:
+5V DC at 100 mA
Mounting:
Bezel Mount with retaining clips
Connection:
13 pins, 0.025" square on 0.1" centers - pin 3 missing
•
Low-cost, high-performance replacement for many OEM DPMs
•
Optional Red or Green backlighting
•
Bezel mount using retaining clips
•
Low power: 2.5mA (+5V)
•
Space-saving design: only 1" (25 mm) deep
•
Occupies less than 2.5 X 1.1 inches of front panel space
•
31/2 digits with high-contrast LCD Display
DP-650A Series
Model
Description
DP650A-RN5
3 1/2 digit LCD, Neg. Red, 5V B/L, ±200mV input
DP650A-GN5
3 1/2 digit LCD, Neg. Green, 5V B/L, ±200mV input
DP650A-GP5
3 1/2 digit LCD, Pos. Green, 5V B/L, ±200mV input
DP652A-RN5
3 1/2 digit LCD, Neg. Red, 5V B/L, ±2V input
DP652A-GN5
3 1/2 digit LCD, Neg. Green, 5V B/L, ±2V input
DP652A-GP5
3 1/2 digit LCD, Pos.Green, 5V B/L, ±2V input
DP654A-RN5
3 1/2 digit LCD, Neg. Red, 5V B/L, ±20 V input
DP654A-GN5
3 1/2 digit LCD, Neg. Green, 5V B/L, ±20 V input
DP654A-GP5
3 1/2 digit LCD, Pos. Green, 5V B/L, ±20 V input
C13
13 Pin Connector / Wire Assembly
C4
4 Pin Backlight Connector/ Wire Assembly
APS-5
120V AC to 5V DC Power Supply
10


Similar Part No. - C13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C13 TI1-C13 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
New Jersey Semi-Conduct...
C13 NJSEMI-C13 Datasheet
71Kb / 1P
SCR
logo
ABB
C13 110-101 ABB-C13 110-101 Datasheet
115Kb / 4P
C13 110-101, Energy meter Steel, None, Threephase, 5 A
2024/06/23
logo
Marki Microwave
C13-0126 MARKIMICROWAVE-C13-0126 Datasheet
277Kb / 3P
DIRECTIONAL COUPLER
C13-0140 MARKIMICROWAVE-C13-0140 Datasheet
280Kb / 3P
DIRECTIONAL COUPLER
More results

Similar Description - C13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
3-1/2 Digit Low Cost Digital Panel Meter
DM-3102AB MURATA-DM-3102AB Datasheet
3Mb / 11P
Autoranging 3-1/2 Digit Digital Panel Meters
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com