Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

196002 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 196002
Description  Round cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

196002 Datasheet(HTML) 1 Page - Festo Corporation.

  196002 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Round cylinder
DSNU-50-50-P-A
Part number: 196002
Data sheet
Feature
Value
Stroke
50 mm
Piston diameter
50 mm
Piston rod thread
M16x1.5
Type code
DSNU
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Design
Piston
Piston rod
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00991217
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Theoretical force at 6 bar, retracting
989.6 N
Theoretical force at 6 bar, advancing
1178.1 N
Moving mass
538 g
Product weight
1287 g
Type of mounting
With accessories
Pneumatic connection
G1/4
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy
Seals material
TPE-U(PU)
NBR
Piston rod material
High-alloy steel
Material of cylinder barrel
High-alloy stainless steel
4/1/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 196002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1960021557S000 ADVANTECH-1960021557S000 Datasheet
895Kb / 2P
Intel® Atom™ E3845 2U Fanless System; EN 50121-4 Compliant for Railway Applications
6-Jan-2021
1960021557S000 ADVANTECH-1960021557S000 Datasheet
891Kb / 2P
Intel® 6th Generation Core™ i Processor 2U Fanless System; EN 50121-4 Compliant for Railway Applications
6-Jan-2021
1960022033T000 ADVANTECH-1960022033T000 Datasheet
1Mb / 2P
Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
1960022933T100 ADVANTECH-1960022933T100 Datasheet
1Mb / 2P
Intel짰 Core?? Quad LGA 775 mini-ITX with CRT/LVDS, 8 COM, Dual LAN
1960024933S00B ADVANTECH-1960024933S00B Datasheet
885Kb / 2P
Intel Atom N455/D525 3.5" SBC, DDR3, 18/24-bit LVDS, VGA/HDMI, 2 GbE, Mini PCIe, CF
More results

Similar Description - 196002

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-32-125-PPV-A FESTO-DSNU-32-125-PPV-A Datasheet
85Kb / 1P
Round cylinder
DSNU-32-160-P-A FESTO-DSNU-32-160-P-A Datasheet
82Kb / 1P
Round cylinder
DSNU-32-160-PPS-A FESTO-DSNU-32-160-PPS-A Datasheet
83Kb / 1P
Round cylinder
DSNU-32-25-PPS-A FESTO-DSNU-32-25-PPS-A Datasheet
90Kb / 1P
Round cylinder
DSNU-32-80-PPS-A FESTO-DSNU-32-80-PPS-A Datasheet
87Kb / 1P
Round cylinder
DSNU-32-80-PPV-A FESTO-DSNU-32-80-PPV-A Datasheet
88Kb / 1P
Round cylinder
DSNU-32-250-P-A FESTO-DSNU-32-250-P-A Datasheet
80Kb / 1P
Round cylinder
DSNU-32-320-P-A FESTO-DSNU-32-320-P-A Datasheet
78Kb / 1P
Round cylinder
2176407 FESTO-2176407 Datasheet
86Kb / 1P
Round cylinder
8073987 FESTO-8073987 Datasheet
84Kb / 1P
Round cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com