Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV9121 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
15
COMK
00
RW
Common Control K
Bit[7]:
CHSYNC pin output swap
0:
CHSYNC
1:
HREF
Bit[6]:
HREF pin output swap
0:
HREF
1:
CHSYNC
Bit[5]:
PCLK output selection
0:
PCLK always output
1:
PCLK output qualified by HREF
Bit[4]:
PCLK edge selection
0:
Data valid on PCLK falling edge
1:
Data valid on PCLK rising edge
Bit[3]:
HREF output polarity
0:
Output positive HREF
1:
Output negative HREF, HREF negative for data valid
Bit[2]:
Reserved
Bit[1]:
VSYNC polarity
0:
Positive
1:
Negative
Bit[0]:
HSYNC polarity
0:
Positive
1:
Negative
16
RSVD
XX
–
Reserved
17
HREFST
1D
(13 in
VGA)
RW
Horizontal Window Start Most Significant 8 bits, LSB in register
COMM[1:0] (see “COMM” on page 26).
HREFST[9:0]: Selects the beginning of the horizontal window,
each LSB represents two pixels. Adjustment steps
must be 2 pixels.
Note:
1. HFREFST[9:0] should be less than HREFEND[9:0].
2. For maximum output window size of 1292x1024, minimum value of
this register is 0x1C.
18
HREFEND
BD
(63 in
VGA)
RW
Horizontal Window end most significant 8 bits, LSB in register
COMM[3:2] (see “COMM” on page 26).
HREFEND[9:0]: Selects the end of the horizontal window, each
LSB represents two pixels. Adjustment steps
must be 2 pixels.
Note:
1. HREFEND[9:0] should be larger than HREFST[9:0].
2. For maximum output window size of 1292x1024, maximum value of
this register is 0xBD.
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com