Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR92A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFR92A
Description  isc Silicon NPN RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR92A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFR92A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR92A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR92A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN RF Transistor
BFR92A
DESCRIPTION
·
Low Noise and High Gain
NF = 1.3 dB TYP.
@VCE = 10 V, IC = 7 mA, f = 1.0 GHz
·
High Power Gain
︱
S21e︱2 = 11.5 dB TYP.
@VCE = 10 V, IC = 20 mA, f = 1.0 GHz
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for low noise amplifier at VHF, UHF and CATV
band.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
100
mA
PC
Collector Power Dissipation
@TC=25℃
0.2
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - BFR92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92A PHILIPS-BFR92A Datasheet
118Kb / 12P
NPN 5 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR92A VISHAY-BFR92A Datasheet
218Kb / 10P
Silicon NPN Planar RF Transistor
29-Apr-05
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
Vishay Siliconix
BFR92A VISHAY-BFR92A Datasheet
261Kb / 10P
Silicon NPN Planar RF Transistor
08-Sep-08
logo
Seme LAB
BFR92A SEME-LAB-BFR92A Datasheet
484Kb / 4P
SMALL SIGNAL NPN RF TRANSISTOR
More results

Similar Description - BFR92A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com