Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX7201 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX7201
Description  EMI Filter & ESD Protection for Down Stream USB Ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7201 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX7201 Datasheet HTML 1Page - Microsemi Corporation LX7201 Datasheet HTML 2Page - Microsemi Corporation LX7201 Datasheet HTML 3Page - Microsemi Corporation LX7201 Datasheet HTML 4Page - Microsemi Corporation LX7201 Datasheet HTML 5Page - Microsemi Corporation LX7201 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LX7201-xx
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
EMI Filter & ESD Protection for Down Stream
USB Ports
Copyright
© 2002
Rev. 1.0d, 2005-02-07
I N T E GRA T ED
PR ODUC T S
ABSOLUTE MAXI MUM RATI NGS
Steady State Power .............................................................................100mW
ESD Air Discharge per IEC61000-4-2....................................................16kV
ESD Contact Discharge per IEC61000-4-2 ............................................10kV
Lead Soldering Temperature (10 Seconds).......................................... 260°C
Operating Temperature .........................................................-40°C to +125°C
Storage Temperature Range..................................................-55°C to +150°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of specified terminal
.
TH ERM A L DATA
SF
Plastic SOT23 6-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
θJC
62
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
96
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The θJA numbers are guidelines for the thermal performance of the device/pc-board system. All
of the above assume no ambient airflow.
PACKAGE PI N OUT
V
BUS
D
IN
D
IN
D
OUT
D
OUT
GND
1
2
3
4
5
6
SF PACKAGE
(Top View)
FUNCTIONAL PIN DESCRIPTION
Name
Description
VBUS
Bus Voltage
DIN
Data In
GND
Ground
DOUT
Data Out
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40°C
≤ TA ≤ +125°C except where
otherwise noted.
LX7201-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Stand-Off Voltage
VRWM
5.25
V
Breakdown Voltage
VBR
IR = 1mA
6
V
Leakage Current
IR
VRWM = 5.25V, T = 25°C
1
µA
Series Resistance (-15)
RS
Each Line
13.5
15
16.5
Ω
Series Resistance (-22)
RS
Each Line
19.8
22
24.2
Ω
Temperature Coefficient of RS
TCOEFF
Each Line
200
ppm
Pull Down Resistance
RPD
Each Line
13.5
15
16.5
K Ω
Capacitor
C
Each Line
47
pF
Total Capacitance
CTOT
Between I/O Pins and Ground, Each Device
VR = 0V, f = 1MHz
54
60
66
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com