Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2073CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2073CS
Description  200MHz Unity-Gain Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2073CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2073CS Datasheet HTML 1Page - Intersil Corporation EL2073CS Datasheet HTML 2Page - Intersil Corporation EL2073CS Datasheet HTML 3Page - Intersil Corporation EL2073CS Datasheet HTML 4Page - Intersil Corporation EL2073CS Datasheet HTML 5Page - Intersil Corporation EL2073CS Datasheet HTML 6Page - Intersil Corporation EL2073CS Datasheet HTML 7Page - Intersil Corporation EL2073CS Datasheet HTML 8Page - Intersil Corporation EL2073CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7V
Output Current
Output is short-circuit protected to ground, however, maximum reliability is
obtained if IOUT does not exceed 70mA.
Common-Mode Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Thermal Resistance
. . . . . . . . . . . . . . . . . . . . . . . . .θJA = 95°C/W PDIP
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . θ
JA = 175°C/W SO-8
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -60°C to +150°C
Note: See EL2071/EL2171 for Thermal Impedance curves.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
VS = ±5V, RL = 100Ω, unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
TEMP
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
VCM = 0V
25°C
0.2
1.5
mV
TMIN, TMAX
3mV
TCVOS
Average Offset Voltage Drift
(Note 1)
All
8
µV/°C
IB
Input Bias Current
25°C
2
6
µA
TMIN, TMAX
26
µA
IOS
Input Offset Current
VCM = 0V
25°C
0.1
1
µA
TMIN, TMAX
2µA
PSRR
Power Supply
Rejection Ratio
(Note 2)
25°C
60
80
dB
TMIN, TMAX
60
dB
CMRR
Common Mode
Rejection Ratio
(Note 3)
25°C
65
90
dB
TMIN, TMAX
65
dB
IS
Supply Current—Quiescent
No Load
25°C
21
25
mA
TMIN, TMAX
25
mA
RIN (diff)
RIN (Differential)
Open-Loop
25°C
15
k
Ω
CIN (diff)
CIN (Differential)
Open-Loop
25°C
1
pF
RIN (cm)
RIN (Common-Mode)
25°C
1
M
Ω
CIN (cm)
CIN (Common-Mode)
25°C
1
pF
ROUT
Output Resistance
25°C
20
m
Ω
CMIR
Common-Mode Input
Range
25°C
±3
±3.5
V
TMIN, TMAX
±2.5
V
IOUT
Output Current
25°C
50
70
mA
TMIN, TMAX
50
mA
VOUT
Output Voltage Swing
No Load
25°C
±3.5
±4
V
TMIN, TMAX
±3.5
V
VOUT 100
Output Voltage Swing
100
Ω
25°C
±3
±3.6
V
TMIN, TMAX
±3
V
VOUT 50
Output Voltage Swing
50
Ω
25°C
±3
±3.4
V
TMIN, TMAX
±2.5
AVOL 100
Open-Loop Gain
100
Ω
25°C
500
1000
V/V
TMIN, TMAX
400
V/V
EL2073



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com