Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6548 Datasheet(PDF) 9 Page - Texas Instruments

Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM6548_V01 Datasheet HTML 5Page - Texas Instruments AM6548_V01 Datasheet HTML 6Page - Texas Instruments AM6548_V01 Datasheet HTML 7Page - Texas Instruments AM6548_V01 Datasheet HTML 8Page - Texas Instruments AM6548_V01 Datasheet HTML 9Page - Texas Instruments AM6548_V01 Datasheet HTML 10Page - Texas Instruments AM6548_V01 Datasheet HTML 11Page - Texas Instruments AM6548_V01 Datasheet HTML 12Page - Texas Instruments AM6548_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 277 page
background image
9
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Comparison
Copyright © 2017–2019, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM6548
AM6528
AM6546
AM6526
AM6527
Features
Flash Subsystem (FSS)
OSPI0
8-bits (3)
OSPI1
4-bits
HyperBus
Yes (3)
Security Accelerator
SA
Yes
Error Signalling Module
ESM
Yes
2x PCI Express 3.1 Port with Integrated
PHY
PCIE0
Up to Two Lanes (2)
PCIE1
Single Lane (2)
3x Programmable Real-Time Unit
Subsystem and Industrial Communication
Subsystem
PRU_ICSSG0
Yes (2× RGMII, 2× MII)
PRU_ICSSG1
Yes (2× RGMII, 2× MII)
PRU_ICSSG2
Yes (2× RGMII, 2× MII, 2× SGMII (2))
Gigabit Ethernet Interface
CPSW
RMII or RGMII
General-Purpose Timers
TIMER
16
Enhanced High Resolution Pulse-Width
Modulator Module
EHRPWM
6
Enhanced Capture Module
ECAP
1
Enhanced Quadrature Encoder Pulse
Module
EQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
5
Universal Serial Bus (USB3.1)
SuperSpeed Dual-Role-Device (DRD)
Ports with SS PHY
USB0
Yes(2)
Universal Serial Bus (USB2.0) HighSpeed
Dual-Role-Device (DRD) Ports with HS/FS
PHY
USB1
Yes
(1) Features noted as “not supported”, must not be used. Their functionality is not supported by TI for this family of devices. These features
are subject to removal without notice on future device revisions. Any information regarding the unsupported features has been retained
in the documentation solely for the purpose of clarifying signal names or for consistency with previous feature descriptions.
(2) SGMII0, SGMII1, USB3.1, PCIE0, and PCIE1 share total of two SerDes lanes.
(3) Two simultaneous flash interfaces configured as OSPI0 and OSPI1, or HyperBus and OSPI1.
(4) Device supports features to aid in functional safety system designs such as lockstep Arm R5F if the part number is designated with the
F option.
(5) For more details about the CTRLMMR_WKUP_JTAG_DEVICE_ID register and DEVICE_ID bitfield, see the device TRM.
3.1
Related Products
Sitara™ processors Scalable processors based on Arm Cortex-A cores with flexible peripherals,
connectivity & unified software support – perfect for sensors to servers.
Sitara™ processors – Applications Sitara processors provide scalable solutions for a wide range of
applications from HMIs and gateways to more complex equipment such as drives and
substation automation equipment. Sitara Arm processors offer scalability and reliability as
well as multi-protocol support for industrial communication protocols such as EtherCAT,
Ethernet/IP and Profinet.
Sitara™ processors – Reference designs TI provides many reference designs containing ‘building
block’ solutions to enable customers to rapidly development of their unique products and
solutions.
Companion Products for AM654x, AM652x Review products that are frequently purchased or used in
conjunction with this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com