Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C62 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46C62 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
HT46R62/HT46C62
A/D with LCD Type 8-Bit MCU
Rev. 1.60
1
July 14, 2005
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 20 bidirectional I/O lines
(PA, PB0~PB5, PD0~PD2, PD4~PD6)
· Two external interrupt input
· One 8-bit programmable timer/event counter with
PFD (programmable frequency divider) function
· LCD driver with 20´3or19´4 segments
(logical output option for SEG0~SEG15)
· 2K´14 program memory
· 88´8 data memory RAM
· Supports PFD for sound generation
· Real Time Clock (RTC)
· 8-bit prescaler for RTC
· Watchdog Timer
· Buzzer output
· On-chip crystal, RC and 32768Hz crystal oscillator
· HALT function and wake-up feature reduce power
consumption
· 6-level subroutine nesting
· 6 channels 9-bit resolution A/D converter
· 3-channel 8-bit PWM output shared with 3 I/O lines
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 0.5ms instruction cycle with 8MHz system clock
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· Low voltage reset/detector function
· 52-pin QFP, 56-pin SSOP packages
General Description
The HT46R62/HT46C62 are 8-bit, high performance,
RISC architecture microcontroller devices specifically
designed for A/D product applications that interface di-
rectly to analog signals and which require LCD Inter-
face. The mask version HT46C62 is fully pin and
functionally compatible with the OTP version HT46R62
device.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, multi-channel A/D
Converter, Pulse Width Modulation function, HALT and
wake-up functions, in addition to a flexible and
configurable LCD interface enhance the versatility of
these devices to control a wide range of applications re-
quiring analog signal processing and LCD interfacing,
such as electronic metering, environmental monitoring,
handheld measurement tools, motor driving, etc., for
both industrial and home appliance application areas.
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0004E HT48 & HT46 MCU UART Software Implementation Method
- HA0005E Controlling the I2C bus with the HT48 & HT46 MCU Series
- HA0047E An PWM application example using the HT46 series of MCUs


Similar Part No. - HT46C62

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C63 HOLTEK-HT46C63 Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46C63-100QEP-A HOLTEK-HT46C63-100QEP-A Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46C63-56SSOP-A HOLTEK-HT46C63-56SSOP-A Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46C64 HOLTEK-HT46C64 Datasheet
345Kb / 47P
A/D with LCD Type 8-Bit MCU
September 21, 2004
HT46C64 HOLTEK-HT46C64 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
More results

Similar Description - HT46C62

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
A/D with LCD Type 8-Bit MCU
September 21, 2004
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
A/D with LCD Type 8-Bit MCU
July 14, 2005
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
A/D with LCD Type 8-Bit MCU
January 9, 2006
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
A/D Type 8-Bit MCU with LCD
October 2, 2007
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
A/D Type 8-Bit MCU with LCD
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
A/D Type 8-Bit MCU with LCD
May 26, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com