Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL352 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL352
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL352 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL352 Datasheet HTML 1Page - Vishay Siliconix IL352 Datasheet HTML 2Page - Vishay Siliconix IL352 Datasheet HTML 3Page - Vishay Siliconix IL352 Datasheet HTML 4Page - Vishay Siliconix IL352 Datasheet HTML 5Page - Vishay Siliconix IL352 Datasheet HTML 6Page - Vishay Siliconix IL352 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IL352
Document Number 83624
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179027
C
A
1
2
3
4
5
6
7
8
N.C
N.C
C
B
E
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, With Base Connection
Features
• Good CTR Linearly Depending on
Forward Current
• Isolation Test Voltage, 3000 VRMS
• High Collector-Emitter Voltage, VCEO = 30 V
• Low Saturation Voltage
• Fast Switching Times
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code S
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
Description
The IL352 optically coupled isolator that features a
high current transfer ratio, low coupling capacitance
and high isolation voltage. It has a GaAs infrared
emitting diode emitter, which is optically coupled to a
silicon planar phototransistor detector. The compo-
nent is housed in a thin line package.
The coupling device is designed for signal transmis-
sion between two electrically separated circuits. The
potential difference between the circuits to be coupled
must not exceed the maximum permissible reference
voltages.
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
IL352
CTR > 100 %, SMD-8
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
DC forward current
IF
60
mA
Total power dissipation
Pdiss
50
mW
Derate linearly from 25 °C
0.66
mW/°C


Similar Part No. - IL352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
NVE Corporation
IL3522 NVE-IL3522 Datasheet
235Kb / 15P
High Speed Isolated RS485/RS422 Transceiver
IL3522E NVE-IL3522E Datasheet
235Kb / 15P
High Speed Isolated RS485/RS422 Transceiver
IL3522ETR13 NVE-IL3522ETR13 Datasheet
235Kb / 15P
High Speed Isolated RS485/RS422 Transceiver
IL3522ETR7 NVE-IL3522ETR7 Datasheet
235Kb / 15P
High Speed Isolated RS485/RS422 Transceiver
More results

Similar Description - IL352

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com