Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC24N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFC24N50
Description  HiPerFET MOSFETs ISOPLUS220
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC24N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFC24N50 Datasheet HTML 1Page - IXYS Corporation IXFC24N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
26N50
23
A
24N50
21
A
I
DM
T
C
= 25
°C, Pulse width limited by T
JM
26N50
92
A
24N50
84
A
I
AR
T
C
= 25
°C
26N50
26
A
24N50
24
A
E
AR
T
C
= 25
°C30
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
230
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 minute leads-to-tab
2500
V~
Weight
3
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250uA
500
V
V
GS(th)
V
DS = VGS, ID = 4mA
2
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 VDSS
T
J
= 25
°C
200
µA
V
GS = 0 V
T
J
= 125
°C
1
mA
R
DS(on)
V
GS = 10 V, ID = IT
26N50
0.20
Ω
Notes 1 & 2
24N50
0.23
Ω
Features
l Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
l Low drain to tab capacitance(<35pF)
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l Unclamped Inductive Switching (UIS)
rated
l FastintrinsicRectifier
Applications
l DC-DC converters
l Batterychargers
l Switched-mode and resonant-mode
power supplies
l DC choppers
l AC motor control
Advantages
l Easy assembly: no screws, or isolation
foils required
l Space savings
l High power density
l Lowcollectorcapacitancetoground
(low EMI)
G = Gate
D = Drain
S = Source
* Patent pending
Isolated back surface*
V
DSS
I
D25
R
DS(on)
IXFC 26N50
500 V
23 A
0.20
Ω
Ω
Ω
Ω
Ω
IXFC 24N50
500 V
21 A
0.23
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
HiPerFETTM MOSFETs
ISOPLUS220TM
Electrically Isolated Back Surface
N-Channel Enhancement Mode
High dV/dt,
Low t
rr, HDMOS
TM Family
ISOPLUS 220TM
98755 (10/00)
S
G
D
ADVANCE TECHNICAL INFORMATION


Similar Part No. - IXFC24N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC24N50 ISC-IXFC24N50 Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFC24N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFC80N08 IXYS-IXFC80N08 Datasheet
75Kb / 2P
HIPERFET-TM MOSFET ISOPLUS220-TM
IXFC96N15P IXYS-IXFC96N15P Datasheet
118Kb / 5P
PolarHT HiPerFET Power MOSFET ISOPLUS220
IXFC13N50 IXYS-IXFC13N50 Datasheet
512Kb / 2P
HiPerFET MOSFET ISOPLUS220
IXFC22N60P IXYS-IXFC22N60P Datasheet
237Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFC74N20P IXYS-IXFC74N20P Datasheet
125Kb / 5P
PolarHT HiPerFET Power MOSFET ISOPLUS220
IXFC80N085 IXYS-IXFC80N085 Datasheet
530Kb / 2P
HiPerFET MOSFET ISOPLUS220
IXFC110N10P IXYS-IXFC110N10P Datasheet
236Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFC12N80P IXYS-IXFC12N80P Datasheet
207Kb / 2P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFC16N80P IXYS-IXFC16N80P Datasheet
207Kb / 2P
PolarHV HiPerFET Power MOSFET ISOPLUS220
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com