| Electronic Components Datasheet Search |
|
SL3ICS3001 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS3001 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 54 page ![]() SL3ICS3001_072831 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 9 July 2012 072831 13 of 54 NXP Semiconductors SL3ICS3001 UCODE HSL 6. If only one tag transmits and the ID is received correctly, the base station shall send the DATA_READ command with the ID. If the DATA_READ command is received correctly, then that tag moves to the DATA_EXCHANGE state and will transmit its data. The base station shall sends SUCCESS. All tags in the ID state decrement COUNT. 7. If only one tag has a count of ‘1’ and transmits, step 5 or 6 repeats. If more than one tag transmits, step 2 repeats. (Possibility 3) 8. If only one tag transmits and the ID is received with an error, the base station shall send the RESEND command. If the ID is received correctly, step 5 repeats. If the ID is received again some variable number of times (this number can be set based on the level of error handling desired for the system), it is assumed that more than one tag is transmitting, and step 2 repeats. (Possibility 4) 8.6 Data exchange sequences 8.6.1 Forward link Every command starts with a command header consisting of PREAMBLE_DETECT, PREAMBLE and START DELIMITER. In this document, the appearance of these sequences is given in NRZ format. A NRZ ‘1’ means maximum field strength and NRZ ‘0’ means lower or even zero field (see also Section 9.3). Compared to the Manchester coded data, these sequences are given in halfbits. All other transmitted data will be defined Manchester coded. This means that the digital data will be defined by a falling or rising transition in the middle of the bit. Furthermore, this means that a Manchester coded bit can be defined by two halfbits of a NRZ code. The forward link consists of the following sequences: • PREAMBLE_DETECT no transition allowed during this time • PREAMBLE tag calibrates onto forward data rate • START DELIMITER (STDEL) tag verifies its calibration • COMMAND (CMD) • Address + Byte Mask + Data only if required by the command • CRC - 16 16 check bits, calculated from COMMAND + Address + Byte Mask + Data • WAIT only if COMMAND was a WRITE, to power the tag during EEPROM write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |