Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S1602FUD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL2S1602FUD
Description  ICODE ILT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S1602FUD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL2S1602FUD Datasheet HTML 17Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 18Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 19Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 20Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 21Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 22Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 23Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 24Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
NXP Semiconductors
SL2S1402_SL2S1502_SL2S1602
ICODE ILT
SL2S1402_SL2S1502_SL2S1602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 15 October 2019
COMPANY PUBLIC
234333
21 / 33
13 Characteristics
13.1 Memory characteristics
Table 15. EEPROM characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tret
retention time
Tamb ≤ 55 °C
50
-
-
year
Nendu(W)
write endurance
100000
-
-
cycle
13.2 Interface characteristics
Table 16. Interface characteristics
Typical ratings are not guaranteed. The values listed are at room temperature.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
[1] 13.553
13.56
13.567
MHz
Vi(RMS)min
minimum RMS input voltage
operating read/write
1.5
-
1.7
V
Pi(min)
minimum input power
operating
[2] -
40
-
μW
between LA and LB
[3]
SL2S1402FUx
-
-
-
pF
SL2S1502FUx
22.3
23.5
24.7
pF
Ci
input capacitance
SL2S1602FUD
92
97
102
pF
[1]
Bandwidth limitation (± 7 kHz) according to ISM band regulations.
[2]
Including losses in the resonant capacitor and rectifier.
[3]
Measured with an HP4285A LCR meter at 13.56 MHz and 2 V RMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com