Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BISR2 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # BISR2
Description  Aluminum In-Line Splice, 14-2 AWG.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BISR2 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BISR2 Datasheet HTML 1Page - Hubbell Incorporated. BISR2 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Indoor Use Only
Hex Key
5/32 in
Installation Torque Recommended in-lb
100 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Number Of Ports
2
Physical Attribute - Number of Screws
2
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Sub Brand
UNITAP
Temperature Rating
90 °C
Trade Name
UNITAP™
Type
BISR, In-Line
UPC
781810225196
UPC 12 Digit
7818102251966
Dimensions
Dimension - Height inch
1.22 in
Dimension - L Length Overall mm
60 mm
Dimension - Length Overall inch
2.38 in
Dimension - Width inch
0.75 in
Dimension - Width mm
19 mm
Electrical Ratings
Operating Voltage
600 V
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
8 AWG;6 AWG;4 AWG;3 AWG;2 AWG
Conductor - AL Str Size Range
14 - 2 Str
Conductor - Copper Str Size
#14;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3 AWG;2
Conductor - Copper Str Size Range
14 - 2 Str
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BISR2
by Burndy
Catalog ID: BISR2
Prop 65 Notice
Aluminum In-Line Splice, 14-2 AWG.
Features: Clear Plastisol Covered Al6061-T6 Aluminum Body: Saves Time,
Lowers Installation Costs, Eliminates Taping, Clear Plastisol: Allows Visual
Confirmation That Conductor Is Properly Inserted, Oxide Inhibitor Pre-
Installed: Inhibits Moisture And Contaminants From Entering The Contact
Area, Range-Taking: Reduces Number Of Connectors Carried In Inventory,
In-Line Splice/Reductions Are Made Quickly And Easily With The Unitap
Line Of Connectors, UL486B Listed, Dual-Rated AL9CU For Any Stranded
Copper Or Stranded Aluminum Applications, 600 Volt, 90 DEG C,
Conductor Type: Run: Stranded Copper Or Stranded Aluminum,
Conductor Size (run - Range): 14 - 2 AWG, Hex Size (key): 5/32 IN, Type
Of Insulation: Clear Plastisol


Similar Part No. - BISR2

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BISR250 HUBBELL-BISR250 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 10 AWG-250 kcmil.
BISR250DB HUBBELL-BISR250DB Datasheet
268Kb / 2P
In-Line Splice/Reducer, 2 Port, 4/0 AWG-250 kcmil, Al/Cu Rated.
BISR250DBRK HUBBELL-BISR250DBRK Datasheet
266Kb / 2P
Multi Tap Connector, UNITAP??Wire Range:4/0 AWG-250 kcmil,Torque:360in-lbs
BISR250FX HUBBELL-BISR250FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #6-500 Class B & C, #6-373 ClassG,H,I,K, DLO, Aluminum.
BISR250RK HUBBELL-BISR250RK Datasheet
265Kb / 2P
Clear Insulated Multi Tap Connector, UNITAP,Wire range:#10-250.
More results

Similar Description - BISR2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357607500 MOLEX5-0357607500 Datasheet
112Kb / 2P
Wire Splice, 12-14 AWG, Un-Plated
logo
List of Unclassifed Man...
1685 ETC2-1685 Datasheet
123Kb / 1P
14-16 AWG Butt Splice
logo
Hubbell Incorporated.
BISR1DB HUBBELL-BISR1DB Datasheet
267Kb / 2P
In-Line Splice/Reducer, 2 Port, 2-1 AWG, Al/Cu Rated.
BISR2RK HUBBELL-BISR2RK Datasheet
263Kb / 2P
In-Line Splice Reducer
BISR4DB HUBBELL-BISR4DB Datasheet
266Kb / 2P
In-Line Splice/Reducer, 2 Port, 6-4 AWG, Al/Cu Rated.
BISR10 HUBBELL-BISR10 Datasheet
265Kb / 2P
Aluminum In-Line Splice, 14-1/0 AWG.
BISR10FX HUBBELL-BISR10FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #14-#2 Class B & C, #14-#2 ClassG,H,I,K, DLO, Aluminum.
BISR250 HUBBELL-BISR250 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 10 AWG-250 kcmil.
BISR350 HUBBELL-BISR350 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 10 AWG-350 kcmil.
BISR500 HUBBELL-BISR500 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 6 AWG-500 kcmil.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com