Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BISR30DBRK Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # BISR30DBRK
Description  Multi Tap Connector, UNITAP,Wire Range:1/0 -3/0 AWG,Torque:220inlbs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BISR30DBRK Datasheet(HTML) 2 Page - Hubbell Incorporated.

  BISR30DBRK Datasheet HTML 1Page - Hubbell Incorporated. BISR30DBRK Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Application
For Indoor Use Only, Copper Or Stranded Aluminum
Hex Key
3/16 in
Hex Size
#10
Installation Torque Recommended in-lb
220 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
2
Physical Attribute - Number of Screws
2
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Sub Brand
UNITAP, MOLE
Temperature Rating
90 °C
Trade Name
UNITAP™
Type
BISR, POS
UPC
781810418598
UPC 12 Digit
7818104185988
Dimensions
Dimension - Height fraction
2 in
Dimension - Height inch
1.96 in
Dimension - L Length Overall mm
158.75 mm
Dimension - Length Overall inch
6.25 in
Dimension - Screw Size inch
7/16
Dimension - Strip Length inch
7/8 in
Dimension - Width inch
0.99 in
Dimension - Width mm
25.15 mm
Electrical Ratings
Operating Voltage
600 V
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
1/0 AWG;2/0 AWG;3/0 AWG
Conductor - AL Str Size Range
1/0 - 3/0 Str
Conductor - Copper Str Size
1/0 ;2/0 AWG;3/0 AWG
Conductor - Copper Str Size Range
1/0 - 3/0 Str
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
Yes
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
NC
UL Listed
Yes
Logistics
Minimum Pack Quantity
5
Number of Pieces in Package
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BISR3/0DBRK
by Burndy
Catalog ID: BISR3/0DBRK
Prop 65 Notice
Multi Tap Connector, UNITAP,Wire Range:1/0 -3/0 AWG,Torque:220in-
lbs.
Features: Designed Specifically For Direct Burial Applications, The Mole
Inline Splice/Reducer Is Made With A Specialized Plastisol Material That
Forms A Rugged Weathertight Connection, UL486D Listed For Direct
Burial, AL9CU Dual-Rated For Copper And Aluminum Applications, 600V
90 DEG C, Plastisol Covered AL6061-T6 AluminumBody Saves Time By
Eliminating The Need For Heat Shrink, Oxide Inhibitor Pre-Installed
Preventing Moisture And Contaminants From Entering Contact Area,
Range-Taking Capability Reduces The Number Of Connectors Carried In
Inventory, Wire Entry: In-Line, Wire Strip Length: 1-3/32 IN, Hex Size
(key): 3/16 IN, Number Of Ports: 2, Torque: 220 IN-LB, Type Of Insulation:
Plastisol



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com