Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA5124LCWR2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MMA5124LCWR2
Description  MMA51xxL, PSI5 Inertial Sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA5124LCWR2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MMA5124LCWR2 Datasheet HTML 35Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 36Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 37Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 38Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 39Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 40Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 41Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 42Page - NXP Semiconductors MMA5124LCWR2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Sensors
NXP Semiconductors
39
MMA51xxL
4.4
Initialization
Following powerup, the device proceeds through an initialization process which is divided into 3 phases:
• Initialization Phase 1: No Data transmissions occur
• Initialization Phase 2: Sensor self-test and transmission of configuration information
• Initialization Phase 3: Transmission of “Sensor Busy”, and “Sensor Ready” / “Sensor Defect” message
Once initialization is completed the device begins normal mode operation, which continues as long as the supply voltage remains
within the specified limits.
Figure 32. PSI5 Sensor 10-Bit Initialization
During PSI5 initialization, the device completes an internal initialization process consisting of the following:
• Power-on Reset
• Device Initialization
• Program Mode Entry Verification
• Offset Cancellation Initialization (2 Stages)
•Self-Test
Figure 33 shows the timing for internal and external initialization.
Figure 33. Initialization Timing
INIT 1
INIT 3
NORMAL MODE
INIT 2
Normal Mode
...
POR
GND
VIDLE
VIDLE+ ΔVSYNC
IIDLE
IIDLE + IMOD
Sync Pulses Ignored or
Program Mode Entry
Sync Pulses
tINT_INIT
tPSI5_INIT1
Self-Test
Raw Offset
Calculation
PSI5 Initialization
Phase 1
tPSI5_INIT2
tPSI5_INIT3
PSI5 Initialization
Phase 2
PSI5 Initialization
Phase 3
PSI5
Normal Mode
POR
Internal
Delay
tOC1
Offset Cancellation
Stage 1
tST1
Self-Test
Deflection
Verification
tST2
Self-Test
Normal Data
Calculation
tST3
ST_RPT * tST
Self-Test
Repeat
(If Necessary)
tOC2
Offset Cancellation
Stage 2
Programming Mode Entry
1) Min. 31 sync pulses
2) PME command
Sync
Pulses
Ignored
tRS_PM
tPME
No
PM
Entry
PM
Entry
tPROG_MODE_START_DELAY
No Transmissions
In Response to
Sync Pulses
Programming
Mode
Otherwise
Sync Pulses Ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com