Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

321 Datasheet(PDF) 1 Page - Littelfuse

Part # 321
Description  MINIATURE FUSES - 5x25mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

321 Datasheet(HTML) 1 Page - Littelfuse

  321 Datasheet HTML 1Page - Littelfuse 321 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
050914
80A
50Hz
cosϕ=1.0
Kappe mit Kennmelder
cap with indicator
25±0,5
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 80
80
80
80
80% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
002: Pack (100 pcs.)
Materials
Materials
Materials
Materials
Materials
Tube:
Ceramic
End Caps: Nickel-plated brass
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25ºC/+70ºC/21 days (EN 60068-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Marking
Marking
Marking
Marking
Marking
, M, Current Rating, 250V, C
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
321
Indicator
Indicator
Indicator
Indicator
Indicator, 250V
, 250V
, 250V
, 250V
, 250V
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Mitteträge (M)
Standard
Standard
Standard
Standard
Standard
DIN 41577, T.2
Approvals
Approvals
Approvals
Approvals
Approvals
None
5x25mm
5x25mm
5x25mm
5x25mm
5x25mm/ No. 321
321
321
321
321
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
color of indicator
Current
Code
Rating
Capacity
1.0 x I
Rated
1.5 x I
Rated
10 x I
Rated
max. (mV)
max. (W)
min. (A2s)
Rated Current
1.5 x I
Rated
2.1 x I
Rated 2.75 x IRated
4 x I
Rated
10 x I
Rated
80mA ... 100mA
>1h
<2min
-
40ms ... 500ms
> 5ms
125 mA ... 630 mA
60ms ... 2s
on request
80mA
0080
250V1
520
0.015
grey
100mA
0100
250V1
500
0.030
red
125mA
0125
250V1
500
0.053
velvet
160mA
0160
250V1
480
0.11
orange
200mA
0200
250V1
400
0.23
blue
250mA
0250
250V1
500
0.38
yellow
315mA
0315
250V1
470
0.53
black
400mA
0400
250V1
400
0.75
brown
500mA
0500
250V1
400
1.5
white
630mA
0630
250V1
380
2.3
green
1
operating voltage ≥ 10 V
Specifications are subject
to change without notice


Similar Part No. - 321

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
321 ABBATRON-321 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
321 ADAFRUIT-321 Datasheet
162Kb / 1P
Large Alligator Clip Test Lead (set of 10)
5-5-17
logo
Marathon Special Produc...
321 MARATHON-321 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
Wiha Tools
321 90 WIHA-321 90 Datasheet
215Kb / 1P
Wiha Insulated Screwdriver Sets
logo
Winchester Electronics ...
321-000-0060A WINCHESTER-321-000-0060A Datasheet
56Kb / 1P
DIN HIGH POWER R/A RECEPTACLE 40 AMP
More results

Similar Description - 321

ManufacturerPart #DatasheetDescription
logo
Littelfuse
193 LITTELFUSE-193 Datasheet
63Kb / 2P
MINIATURE FUSES
240 LITTELFUSE-240 Datasheet
79Kb / 2P
MINIATURE FUSES - 5x25mm
241 LITTELFUSE-241 Datasheet
103Kb / 2P
MINIATURE FUSES - 5x25mm
358 LITTELFUSE-358 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32mm
240 LITTELFUSE-240_06 Datasheet
79Kb / 2P
5x25mm MINIATURE FUSES
241 LITTELFUSE-241_06 Datasheet
103Kb / 2P
5x25mm MINIATURE FUSES
3110800002 LITTELFUSE-3110800002 Datasheet
100Kb / 2P
MINIATURE FUSES
3210080002 LITTELFUSE-3210080002 Datasheet
72Kb / 2P
MINIATURE FUSES
3540630002 LITTELFUSE-3540630002 Datasheet
73Kb / 2P
MINIATURE FUSES
20100630021P LITTELFUSE-20100630021P Datasheet
87Kb / 2P
MINIATURE FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com