Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC18730EP/R2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC18730EP/R2
Description  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC18730EP/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
18730
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. MPC18730 Terminal Connections
Table 1. MPC18730 Terminal Definitions
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 14.
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition
1
CLR
Input
Clear
Start-up Signal Input Latch/Clear
2
WAKE4B
Input
Wake Signal 4
Start-up Signal Input 4
3
WAKE3B
Input
Wake Signal 3
Start-up Signal Input 3
4
WAKE2B
Input
Wake Signal 2
Start-up Signal Input 2
5
WAKE1B
Input
Wake Signal 1
Start-up Signal Input 1
6
LSWO
Output
Low-Side Switch
Output
Low-Side Switch Output Terminal
7
LVB
Input
Low Voltage Battery
VB Power Supply Connection for Ni_mh
8
HVB
Input
High Voltage Battery
VB Power Supply Connection for Li_ion
9
V_STBY
Output
Standby Voltage
V_STBY Voltage Output
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50
TOP VIEW
CLR
WAKE4B
WAKE3B
WAKE2B
WAKE1B
LSWO
LVB
HVB
V_STBY
VO1
VCC1
VI1
SW1
SW1
PGND1
PGND1
CRST2
RSTO2B
PGND2
SW2
SW2
VI2
VCC2
VO2IN
SREGO3
SREGI3
VO2
SREGC2
SREGC3
DW_2B
DW_2T
1
49
33
17
18
EXT_G_ON
PGND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com