Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC34 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC34
Description  Non-Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC34 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC34 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC34 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC34 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC34 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C CL e 15 pF tr e tf e 6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
10
ns
Delay
AC Electrical Characteristics VCC e 20V to 60V CL e 50 pF tr e tf e 6 ns (unless otherwise specified)
TA e 25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TA eb40 Cto a85 CTA eb55 Cto a125 C Units
Typ
Guaranteed Limits
tPHL tPLH Minimum Propagation
20V
30
80
100
120
ns
Delay
45V
10
16
20
24
ns
60V
8
14
17
20
ns
tTLH tTHL Maximum Output Rise
20V
50
75
95
110
ns
and Fall Time
45V
10
75
19
22
ns
60V
8
13
16
19
ns
CPD
Power Dissipation
(per gate)
26
pF
Capacitance (Note 5)
CIN
Maximum Input
510
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PD e CPD VCC2 f a ICC VCC and the no load dynamic current consumption IS e CPD VCC f a
ICC
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com