Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR84145 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # STR84145
Description  LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR84145 Datasheet(HTML) 1 Page - Allegro MicroSystems

  STR84145 Datasheet HTML 1Page - Allegro MicroSystems STR84145 Datasheet HTML 2Page - Allegro MicroSystems STR84145 Datasheet HTML 3Page - Allegro MicroSystems STR84145 Datasheet HTML 4Page - Allegro MicroSystems STR84145 Datasheet HTML 5Page - Allegro MicroSystems STR84145 Datasheet HTML 6Page - Allegro MicroSystems STR84145 Datasheet HTML 7Page - Allegro MicroSystems STR84145 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Intended for power supplies with universal inputs (85 V to 265 V
rms), the STR83145 and STR84145 latched, universal input-voltage
switches incorporate timing, control, and drive circuitry with a high-
current triac (bidirectional triode thyristor) switch.
Each device senses
the applied ac line potential and automatically switches the rectifier and
associated capacitors between a voltage-doubler configuration (for line
voltages to 141 V) and a full-bridge configuration (for line voltages
greater than 149 V). This eliminates the possibility of user error with
adjustable jumpers or switches. Also, the related switch-mode power
stage need operate only over a reduced range of dc input voltages
when compared with "wide input" power supplies using a bridge rectifier
only. The reduction in dc input voltage range permits the use of lower-
voltage capacitors and leads to a reduction in power stage stresses and
power dissipation. The STR83145 and STR84145 differ only in their
maximum ac current rating (10 A and 12 A, respectively).
The internal sensitive-gate triac is switched by a temperature-
compensated constant-current gate driver driven by a 15 kHz pulse
train to reduce power dissipation. The switch-over voltage is accurately
set during manufacture for consistent operation. An user-adjustable
delay is provided to ensure start-up in the full-bridge mode. Once
established (by an input voltage greater than 149 V rms), an integral
latch holds the full-bridge mode to preclude false application of the
doubler mode during brownouts, voltage droops, or missing cycles.
The requirements of low transient thermal impedance and steady-
state thermal resistance are satisfied in a molded, 5-lead single in-line
power package. Similar input-voltage switches, with a switch point of
159 V rms, are also available.
FEATURES
s Low Duty Cycle Triac Drive for Minimum Dissipation
s For Universal Input Operation Between 85 V rms and 265 V rms
to 10 A or 12 A
s Internal Latch Prevents False Mode Switching
s Internal Sensitive-Gate Power Triac
s Adjustable Start-Up Delay
s Accurate 145 V rms Switch-Point Voltage
s Low External Parts Count
s Low Power Dissipation
s Low-Power External Parts
Always order by complete part number:
Part Number
Max. On-State Current
STR83145
10 A rms
STR84145
12 A rms
LATCHED, UNIVERSAL
INPUT-VOLTAGE SWITCHES
ABSOLUTE MAXIMUM RATINGS
Repetitive Peak OFF-State Voltage,
V
DRM ............................................. 500 V
Static ON-State Current, I
T(RMS)
STR83145 ...................................... 10 A
STR84145 ...................................... 12 A
Non-Repetitive Surge ON-State Current, I
TSM
STR83145 .................................... 100 A
STR84145 .................................... 120 A
Package Power Dissipation,
P
D ........................................ See Graph
Triac Junction Temperature, T
J ..... +125°C
Frame Temperature, T
M ................ +100°C
Operating Temperature Range,
T
A ...............................
-20
°C to +125°C
Storage Temperature Range,
T
stg .............................
-40
°C to +125°C
Dwg. PK-005
™
STR83145 AND
STR84145
INTERIM ISSUE
(subject to change without notice)
August 16, 1994


Similar Part No. - STR84145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR8 ETC2-STR8 Datasheet
748Kb / 5P
DC Advanced Microstep Drive
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
STR80145A SANKEN-STR80145A Datasheet
80Kb / 2P
Hybrid Auto-Switch Module-Doubler
logo
Solid State Optronic
STR8042 SSOUSA-STR8042 Datasheet
373Kb / 8P
AC Solid State Relay
logo
Solid State Inc
STR8042 SOLIDSTATE-STR8042 Datasheet
477Kb / 8P
High Blocking Voltage (400V)
More results

Similar Description - STR84145

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR83145 ALLEGRO-STR83145 Datasheet
125Kb / 8P
LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
logo
CUI INC
SWI10-E CUI-SWI10-E Datasheet
580Kb / 5P
universal input voltage range
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
Universal AC input voltage
DRL-48V120W1AX DELTA-DRL-48V120W1AX Datasheet
781Kb / 15P
Universal AC input voltage
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
Universal AC input voltage range
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
Universal AC input voltage
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
Universal AC input voltage range
DRP024V060W1NX DELTA-DRP024V060W1NX Datasheet
1Mb / 14P
Universal AC input voltage
logo
Littelfuse
72093 LITTELFUSE-72093 Datasheet
476Kb / 1P
UNIVERSAL ROTARY SWITCHES
2019 Rev: 061219
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com