Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR83145 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # STR83145
Description  LATCHED, UNIVERSAL INPUT-VOLTAGE SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR83145 Datasheet(HTML) 5 Page - Allegro MicroSystems

  STR83145 Datasheet HTML 1Page - Allegro MicroSystems STR83145 Datasheet HTML 2Page - Allegro MicroSystems STR83145 Datasheet HTML 3Page - Allegro MicroSystems STR83145 Datasheet HTML 4Page - Allegro MicroSystems STR83145 Datasheet HTML 5Page - Allegro MicroSystems STR83145 Datasheet HTML 6Page - Allegro MicroSystems STR83145 Datasheet HTML 7Page - Allegro MicroSystems STR83145 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL APPLICATION
300
100
30
1.0
10
C2 CAPACITANCE in
µF
Dwg. GK-011
0.3
3.0
30
1000
3000
T = 25
°C
M
External component values have been selected for
optimum device performance and reliability. Except for
C2, component values other than the following may
result in false operation of these devices.
C1 = 4.7 µF, 400 V
C2 = 1 µF, 50 V
C3 = 0.047 µF, 50 V
C4 = 0.047 µF, 250 V
R1 = 4.7 Ω
Turn-ON delay (forced full-bridge mode) may be
adjusted for desired system performance:
tD ≈ 68 x C2
where tD is the delay time in ms
C2 is capacitance in µF
+
3
5
1
2
4
Dwg. EK-007
+
+
+
+
R1
C4
C3
C1
C2
240–373 V peak
RM11C
RBV SERIES
-t
°
STR83145 AND STR84145
LATCHED, UNIVERSAL
INPUT-VOLTAGE SWITCHES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com