Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT320S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THAT320S
Description  Low-Noise Matched Transistor Array ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT320S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THAT320S Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT320S Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT320S Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT320S Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT320S Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Low-Noise Matched Transistor Array ICs
FEATURES
·
4 Matched NPN Transistors (300)
4 Matched PNP Transistors (320)
2 Matched NPNs and PNPs (340)
4 Matched NP6N - 4 Matched PNP (380)
·
Monolithic Construction
·
Low Noise
- 075
.(
)
nV Hz PNP
- 08
.(
)
nV Hz NPN
·
High Speed
-f
T = 350 MHz (NPN)
-f
T = 325 MHz (PNP)
·
Excellent Matching – 500
mV typical
between devices of same gender
·
Dielectrically Isolated
·
36V V
CEO
APPLICATIONS
·
Microphone Preamplifiers
·
Current Sources
·
Current Mirrors
·
Log/Antilog Amplifiers
·
Multipliers
·
Servos
DESCRIPTION
The THAT300 Series ICs are large-geometry
monolithic NPN and/or PNP transistor arrays which
combine low noise, high speed and excellent para-
metric matching between devices of the same gender.
The large geometries typically result in 25
W base
spreading resistance for the PNP devices (30
W for
the NPNs), producing 075
.
nV Hz voltage noise
(.
08
nV
Hz for the NPNs). This makes the 300
Series an ideal choice for low-noise amplifier input
stages.
Fabricated on a Complementary Bipolar Dielec-
trically Isolated process, each transistor is electri-
cally isolated from the others by a layer of insulating
oxide. The resulting low collector-to-substrate capac-
itance produces a typical NPN f
T
of 350 MHz,
325 MHz for the PNPs. This delivers ac performance
similar to discrete 2N3904- and 2N3906-class de-
vices. Dielectric isolation also minimizes crosstalk
and provides complete DC isolation.
Substrate biasing is not required for normal op-
eration, though the substrate should be grounded to
optimize speed and minimize inter-device crosstalk.
The monolithic construction assures excellent pa-
rameter matching and tracking over temperature.
THA T Corporation
THAT 300 Series
Part Number
Configuration
Package
THAT300P
4-Matched NPN Transistors
DIP14
THAT300S
SO14
THAT320P
4- Matched PNP Transistors
DIP14
THAT320S
SO14
THAT340P
2 Matched NPN Transistors and
2 Matched PNP Transistors
DIP14
THAT340S
SO14
THAT380G
4 Matched NPN Transistors and
4 Matched PNP Transistors
Individual Die
Table 1. Ordering Info


Similar Part No. - THAT320S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT300S14-U ETC2-THAT300S14-U Datasheet
99Kb / 5P
4 Matched NPN Transistors
More results

Similar Description - THAT320S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
Quad Low-Noise PNP Transistor Array
THAT140 ETC-THAT140 Datasheet
49Kb / 4P
Quad Low-Noise NPN / PNP Transistor Array
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
logo
Infineon Technologies A...
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
logo
Analog Devices
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com