Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54LVDSC032 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT54LVDSC032
Description  Quad Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54LVDSC032 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT54LVDSC032 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54LVDSC032 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 6. Receiver Three-State Delay Test Circuit or Equivalent Circuit
RIN+
R IN-
EN
VDD
2K
2K
20pf
EN when EN = VDD
EN when EN = VSS
Output when
V
ID = -100mV
Output when
VID = +100mV
t
PHZ
tPZH
0.5V
50%
VOH
V
SS
VDD
0V
V
DD
0V
VDD
1.25V
1.25V
1.25V
1.25V
0.5V
tPZL
tPLZ
Figure 7. Receiver Three-State Delay Waveform
50%
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com