Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT340P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # THAT340P
Description  Low-Noise Matched Transistor Array ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT340P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  THAT340P Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT340P Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT340P Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT340P Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT340P Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 2
THAT300 Series Transistor Arrays
SPECIFICATIONS 1
Maximum Ratings (T
A = 25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
NPN Collector-Emitter Voltage
BVCEO
IC = 1 mAdc, IB = 0
36
40
—
V
NPN Collector-Base Voltage
BVCBO
IC =10
mAdc, IE=0
36
40
—
V
NPN Emitter-Base Voltage
BVEBO
IE = 100
mAdc, IC =0
5
—
—
V
NPN Collector Current
ICMAX
10
20
mA
NPN Emitter Current
IE MAX
10
20
mA
PNP Collector-Emitter Voltage
BVCEO
IC = 1 mAdc, IB = 0
–36
–40
—
V
PNP Collector-Base Voltage
BVCBO
IC =10
mAdc, IE = 0
–36
–40
—
V
PNP Emitter-Base Voltage
BVEBO
IE = 100
mAdc, IC =0
–5
—
—
V
PNP Collector Current
ICMAX
–10
–20
mA
PNP Emitter Current
IE MAX
–10
–20
mA
Collector-Collector Voltage
BVCC
±100
±200
—
V
Emitter-Emitter Voltage
BVEE
±100
±200
—
V
Operating Temperature Range
TA
070
°C
Maximum Junction Temperature
TJMAX
150
°C
Storage Temperature
TSTORE
-45
125
°C
13
12
Q2
1
2
3
Q1
4
5
6
7
Q3
SUB
11
10
9
8
Q4
SUB
14
THAT 300
Fig 1. 300 Pinout
13
12
Q2
11
10
9
8
Q4
SUB
1
2
3
4
5
6
7
Q1
Q3
SUB
14
THAT 320
Fig 2. 320 Pinout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com