Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP08EMA32DF Datasheet(PDF) 2 Page - Schneider Electric

Part # SSP08EMA32DF
Description  Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T1 - SW - sine mod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP08EMA32DF Datasheet(HTML) 2 Page - Schneider Electric

  SSP08EMA32DF Datasheet HTML 1Page - Schneider Electric SSP08EMA32DF Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Enclosure Rating
NEMA 1
Enclosure Material
grey painted sheet steel
Standards
CSA C22.2 No 8
UL 1449:ed. 4
UL 1283:ed. 5
Ambient Operating
149 °F (65 °C)
Ordering and shipping details
Category
08464 - SURGE PROTECTION EMA
Discount Schedule
DE1B
Returnability
No
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds which is
known to the State of California to cause Carcinogen & Reproductive harm. For more information go
to www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com