Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0430002. Datasheet(PDF) 1 Page - Littelfuse

Part # 0430002.
Description  Surface Mount Fuses - Thin-Film Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0430002. Datasheet(HTML) 1 Page - Littelfuse

  0430002. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin-Film Surface Mount
1206 Slo-Blo® Fuse 430 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time @ 25
°C
100%
4 hours, Minimum
200%
1 sec., Min.; 120 sec., Max.
300%
0.1 sec., Min.; 3 sec., Max.
800%
0.002 sec., Min.; .05 sec., Max.
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
0.5A - 1.5A
50 amperes at 63 VAC/VDC
2A
35 amperes at 63 VAC/VDC
3A
50 amperes at 32 VAC/VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 90°C. Consult temperature
rerating chart on page 4. For operation above 90°C contact Littelfuse.
Vibration: Withstands 10-55 Hz per MIL-STD-202F, Method 201A and
10-2000 Hz at 20 G’s per MIL-STD-202F, Method 204D, Condition D.
Insulation Resistance (After Opening): Greater than 10,000 Ohms.
Resistance to Soldering Heat: Withstands 60 seconds above
200°C up to 260°C, maximum.
Thermal Shock: Withstands 5 cycles of -50°C to +125°C.
PHYSICAL SPECIFICATIONS:
Materials:
Body: Epoxy Substrate
Terminations: Copper/Nickel/Tin-Lead (95/5)
Cover Coat: Conformal Coating
Soldering Parameters(see page 3 for soldering profiles):
Reflow Solder: 260°C, 30 seconds maximum
PACKAGING SPECIFICATIONS: 8mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 3,000 per reel, add packaging suffix,
WR.
PATENTED
ORDERING INFORMATION:
Amperage
Voltage
Nom. Cold
Nominal
Catalog
Rating
Marking
Rating
Resistance
Melting I
2t
Number
(A)
Code
(V)
Cold Ohm
1
(A
2sec)2
0430.500
0.5
TF
63
.250
0.0305
0430 001.
1.0
TH
63
.097
0.144
0430 01.5
1.5
TK
63
.056
0.298
0430 002.
2.0
TN
63
.039
0.494
0430 003.
3.0
TP
32
.020
1.33
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Average Time Current Curves
• For RoHS compliant and Lead-Free designs use 468 series
• Time delay feature withstands high in-rush currents and prevents
nuisance openings.
• Package is visually distinct from fast-acting version for easy identification.
• Top side marking allows visual verification of amperage rating.
3.18 (.125")
2.03 (.080")
REF.
1.52
(.060")
1.52 (.060")
3.81 (.150")
1.14
(.045")
.635 (.025")
2.03
(.080")
1.14 (.045")
REFLOW SOLDER
R .318
(.013")
REF.
Reference Dimensions:
®
®
369
Surface Mount Fuses
www .littelfuse .com
10


Similar Part No. - 0430002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0430002.WR LITTELFUSE-0430002.WR Datasheet
206Kb / 3P
Surface Mount Fuses Thin Film >1206 Size > Slo Blo짰 > 430 Series
More results

Similar Description - 0430002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
429 LITTELFUSE-429 Datasheet
78Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
431 LITTELFUSE-431 Datasheet
83Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
Surface Mount Fuses - Lead-Free Thin-Film
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
Thin Film Surface Mount Attenuators
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
Thin Film Surface Mount Attenuators
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
Thin-Film Surface Mount
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com